Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978GEFL/RV Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8978GEFL/RV
Description  Stereo CODEC With Speaker Driver
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978GEFL/RV Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8978GEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8978GEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
Pre-Production
WM8978
w
PP Rev 3.0 May 2006
39
7:0
ADCVOLR
[7:0]
11111111
( 0dB )
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
R16
Right channel
ADC Digital
Volume
8
ADCVU
Not
latched
ADC left and ADC right volume do not
update until a 1 is written to ADCVU (in
reg 15 or 16)
Table 19 ADC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com