Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714LGEFL/RV Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/RV
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/RV Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM9714LGEFL/RV Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
57
bits, as shown below. The Slot 0 ‘tag’ bit corresponding to the selected time slot is asserted
whenever there is new data on that slot.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
SLEN
0
Slot Readback Enable
0: Disabled (readback through register only)
1: Enable (readback slot selected by SLT)
76h
2:0
SLT
110
AC’97 Slot Selection for AUX ADC Data
000: Slot 5
001: Slot 6
…
101: Slot 10
110: Slot 11
111: RESERVED
Table 50 Returning AUX ADC Data Through an AC-Link Time Slot
MASK INPUT CONTROL
Sources of glitch noise, such as the signals driving an LCD display, may feed through to the AUX
ADC inputs and affect measurement accuracy. In order to minimise this effect, a signal may be
applied to MASK (pin 47 / pin 3) to delay or synchronise the sampling of any input to the ADC. The
effect of the MASK signal depends on the the MSK bits of register 78h (bits [7:6]), as described
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
78h
7:6
MSK
00
MASK input control (see )
Table 51 MASK Input Control
MSK[1-0]
EFFECT OF SIGNAL ON MASK PIN
00
Mask has no effect on conversions GPIO input disabled (default)
01
Static; ‘hi’ on MASK pin stops conversions, ‘lo’ has no effect.
10
Edge triggered; rising or falling edge on MASK pin delays conversions
by an amount set in the DEL[3-0] register. Conversions are asynchronous to the
MASK signal.
11
Synchronous mode; conversions wait until rising or falling edge on MASK initiates
cycle; screen starts to be driven when the edge arrives, the conversion sample
being taken a period set by DEL[3-0] after the edge.
Table 52 Controlling the MASK Feature
Note that pin 47 / pin 3 can also be used as a GPIO(see “GPIO and Interrupt Control” section), or to
output the ADA signal (see below).
THE ADA SIGNAL
Whenever data becomes available from the AUX ADC, the internal ADA (ADC Data Available) signal
goes high and remains high until the data has been read from register 7Ah (if SLEN = 0) or until it
has been sent out on an AC-Link slot (if SLEN = 1).
ADA goes high after every AUX ADC conversion (in normal mode, COO=0)
ADA can be used to generate an interrupt, if the AW bit (register 52h, bit 12) is set (see “GPIO and
interrupt control” section)
It is also possible to output the ADA signal on pin 47 / pin 3, if this pin is not used as a GPIO. The
GE4/6 bit must be set to ‘0’ to achieve this (see “GPIO and interrupt control” section).
Alternatively, ADA can be read from bit 12 in register 54h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com