Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80SND2CMP3B Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 110Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 111Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 113Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 114Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 115Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 116Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 117Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 241 page
background image
114
4341F–MP3–03/06
AT8xC51SND2C/MP3B
16.7
Control Transactions
16.7.1
Setup Stage
The DIR bit in the UEPSTAX register should be at 0.
Receiving Setup packets is the same as receiving Bulk Out packets, except that the RXSETUP
bit in the UEPSTAX register is set by the USB controller instead of the RXOUTB0 bit to indicate
that an Out packet with a Setup PID has been received on the Control endpoint. When the
RXSETUP bit has been set, all the other bits of the UEPSTAX register are cleared and an inter-
rupt is triggered if enabled.
The firmware has to read the Setup request stored in the Control endpoint FIFO before clearing
the RXSETUP bit to free the endpoint FIFO for the next transaction.
16.7.2
Data Stage: Control Endpoint Direction
The data stage management is similar to Bulk management.
A Control endpoint is managed by the USB controller as a full-duplex endpoint: IN and OUT. All
other endpoint types are managed as half-duplex endpoint: IN or OUT. The firmware has to
specify the control endpoint direction for the data stage using the DIR bit in the UEPSTAX
register.
•
If the data stage consists of INs, the firmware has to set the DIR bit in the UEPSTAX register
before writing into the FIFO and sending the data by setting to 1 the TXRDY bit in the
UEPSTAX register. The IN transaction is complete when the TXCMPL has been set by the
hardware. The firmware should clear the TXCMPL bit before any other transaction.
•
If the data stage consists of OUTs, the firmware has to leave the DIR bit at 0. The RXOUTB0
bit is set by hardware when a new valid packet has been received on the endpoint. The
firmware must read the data stored into the FIFO and then clear the RXOUTB0 bit to reset
the FIFO and to allow the next transaction.
To send a STALL handshake, see “STALL Handshake” on page 116.
16.7.3
Status Stage
The DIR bit in the UEPSTAX register should be reset at 0 for IN and OUT status stage.
The status stage management is similar to Bulk management.
•
For a Control Write transaction or a No-Data Control transaction, the status stage consists of
a IN Zero Length Packet (see “Bulk/Interrupt IN Transactions in Standard Mode” on page
112). To send a STALL handshake, see “STALL Handshake” on page 116.
•
For a Control Read transaction, the status stage consists of a OUT Zero Length Packet (see
“Bulk/Interrupt OUT Transactions in Standard Mode” on page 110).
16.8
Isochronous Transactions
16.8.1
Isochronous OUT Transactions in Standard Mode
An endpoint should be first enabled and configured before being able to receive Isochronous
packets.
When an OUT packet is received on an endpoint, the RXOUTB0 bit is set by the USB controller.
This triggers an interrupt if enabled. The firmware has to select the corre Bulk-outsponding end-
point, store the number of data Bytes by reading the UBYCTX register. If the received packet is
a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has to be
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com