Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80SND2CMP3B Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 114Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 115Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 116Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 117Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 118Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 119Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 120Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 121Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 241 page
background image
118
4341F–MP3–03/06
AT8xC51SND2C/MP3B
The USB controller is then re-activated.
Figure 16-13.
Example of a Suspend/Resume Management
16.10.3
Upstream Resume
A USB device can be allowed by the Host to send an upstream resume for Remote Wake-up
purpose.
When the USB controller receives the SET_FEATURE request: DEVICE_REMOTE_WAKEUP,
the firmware should set to 1 the RMWUPE bit in the USBCON register to enable this functional-
ity. RMWUPE value should be 0 in the other cases.
If the device is in SUSPEND mode, the USB controller can send an upstream resume by clear-
ing first the SPINT bit in the USBINT register and by setting then to 1 the SDRMWUP bit in the
USBCON register. The USB controller sets to 1 the UPRSM bit in the USBCON register. All
clocks must be enabled first. The Remote Wake is sent only if the USB bus was in Suspend
state for at least 5ms. When the upstream resume is completed, the UPRSM bit is reset to 0 by
hardware. The firmware should then clear the SDRMWUP bit.
USB Controller Init
Detection of a SUSPEND State
SPINT
Set SUSPCLK
Disable PLL
microcontroller in Power-down
Detection of a RESUME State
WUPCPU
Enable PLL
Clear SUSPCLK
Clear WUPCPU Bit
Clear SPINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com