Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83SND2CMP3B Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 100Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 101Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 102Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 103Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 241 page
background image
100
4341F–MP3–03/06
AT8xC51SND2C/MP3B
15.3.1
Audio DAC Start-up Sequence
In order to minimize any audio output noise during the start-up, the following sequence should
be applied.
15.3.1.1
Example of power-on: Path DAC to Headset Output
•
Desassert the Reset: write 07h at address 10h.
•
All precharge and Master on: write FFh at address 0Ch.
•
Line Out On: write 30h at address 00h.
•
Delay 500 ms.
•
Precharge off: write 0Ch at address 01h.
•
Delay 1 ms.
•
Line Out on, DAC On: write 3Ch at address 00h.
15.3.1.2
Example of power-off: Path DAC to Headset Output
•
DAC off: write 30h at address 00h.
•
Master off: write 00h at address 0Ch.
•
Delay 1 ms.
•
All off: write 00h at address 00h
15.3.1.3
Example Start I2S
•Start DCLK.
•
RSTMASK=1.
•
RESFILZ=0 and RSTZ=0.
•
RESFILZ=1 and RSTZ=1.
•
RSTMASK=0.
•
Delay 5 ms.
•
ONDACL=1 and ONDACR=1.
•
Program all DAC settings: audio format, gains...
15.3.1.4
Example Stop I2S:
•
DAC off: ONDACL=0 and ONDACR=0.
•
Stop I2S and DLCK.
15.3.2
Audio PA Sequence
15.3.2.1
PA Power-On Sequence
To avoid an audible ‘click’ at start-up, the input capacitors have to be pre-charged before the
Power Amplifier.
15.3.2.2
PA Power-Off Sequence
To avoid an audible ‘click’ at power-off, the gain should be set to the minimum gain (-22dB)
before setting the Power Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com