Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7108 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # A7108
Description  315/433/868/915MHz FSK/GFSK Transceiver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A7108 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button A7108 Datasheet HTML 45Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 46Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 47Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 48Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 49Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 50Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 51Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 52Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
A7108
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
AMICCOM Electronics Corporation
49
19.3 MD7108-A40 (433MHz Band)
C7
1uF
C6
1uF
C17
2.2nF
R5
820
C18
33nF
Y2
12.8MHz
SDIO
SCK
SCS
C15
470pF
C4
1nF
C2
2.2uF
C13
1.8pF
C3
100pF
L1
39nH
J1
TRX
L2
33nH
C14
27pF
C1
10uF
L5
18nH
L4
18nH
C20
22pF
C19
10pF
C21
10nF
R2
10
VDD_PLL
C24
NC
VDA
C23
1nF
R4
0
R6
0
L3
18nH
C12
8.2pF
C16
8.2pF
BP_RSSI
1
RFI
2
RFO
3
GND
4
VDD_D
11
SCS
12
SCK
13
SDIO
14
GIO1
15
VDD_VCO
5
U1
A7108
GIO1
REGI
GIO1
GIO2
X_CLK
SDIO
SCK
SCS
CKO
GND
GND
1
2
J4
CON/2P 1.27
1
2
J5
CON/2P 1.27
C5
2.2uF
REGI
1
2
3
4
5
6
7
8
9
10
J3
C ON/10P 2.0
C9
2.2uF
VDA
C8
10pF
433
LPF
HPF
Xtal Cload 建议值 20 pF
19.4 MD7108-A30 (315MHz Band)
Xtal Cload 建议值 20 pF
C7
1uF
C6
1uF
C17
2.2nF
R5
820
C18
33nF
Y2
12.8MHz
SDIO
SCK
SCS
C15
470pF
C4
1nF
C2
2.2uF
C13
2.7pF
C3
100pF
L1
56nH
J1
TRX
L2
39nH
C14
27pF
C1
10uF
L5
0
L4
0
C20
NC
C19
NC
C11
10nF
VDD_PLL
C10
NC
VDA
L3
NC
C12
0
C16
0
BP_RSSI
1
RFI
2
RFO
3
GND
4
VDD_D
11
SCS
12
SCK
13
SDIO
14
GIO1
15
A7108
VDD_VCO
5
U1
A7108
GIO1
REGI
GIO1
GIO2
X_CLK
SDIO
SCK
SCS
CKO
GND
GND
1
2
J4
C ON/2P 1.27
1
2
J5
C ON/2P 1.27
C5
2.2uF
REGI
1
2
3
4
5
6
7
8
9
10
J3
C ON/10P 2.0
C9
2.2uF
VDA
C8
NC
315
LPF
HPF
HPF, LPF is safety for CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com