Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS643LSHTN-I2-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS643LSHTN-I2-T
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSHTN-I2-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS643LSHTN-I2-T Datasheet HTML 1Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 2Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 3Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 4Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 5Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 6Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Part Number
Pb-free1
Packing2
ICC Typical
ATS643LSHTN-I1-T
Yes
Tape and Reel 13-in. 800 pcs./reel
6.0 Low to 14.0 High mA
ATS643LSHTN-I2-T
Yes
Tape and Reel 13-in. 800 pcs./reel
7.0 Low to 14.0 High mA
1Pb-based variants are being phased out of the product line. Certain variants cited in this footnote are in production but have
been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of this device is currently restricted
to existing customer applications. The device should not be purchased for new design applications because obsolescence
in the near future is probable. Samples are no longer available. Status change: May 1, 2006. These variants include:
ATS643LSHTN-I1 and ATS643LSHTN-I2.
2Contact Allegro for additional packing options.
3Some restrictions may apply to certain types of sales. Contact Allegro for details.
▪ AGC and reference adjust circuit
▪ True zero-speed operation
▪ Undervoltage lockout
▪ Wide operating voltage range
▪ Defined power-on state
the device specifications even through large changes in air gap
or temperature.
The regulated current output is configured for two-wire operation,
offering inherent diagnostic information. This device is ideal for
obtaining speed and duty cycle information in gear-tooth based
applications such as transmission speed sensing.
Features and Benefits (continued)
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
See Power Derating section
–
–
Reverse-Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List
Name
Description
Number
VCC
Connects power supply to chip
1
NC
No connection. Float or tie to VCC
2
TEST
For Allegro use, float or tie to GND
3
GND
Ground terminal
4
2
4
3
1
Pin-out Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com