Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCMP356 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP356
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP356 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP356 Datasheet HTML 4Page - Analog Devices ADCMP356 Datasheet HTML 5Page - Analog Devices ADCMP356 Datasheet HTML 6Page - Analog Devices ADCMP356 Datasheet HTML 7Page - Analog Devices ADCMP356 Datasheet HTML 8Page - Analog Devices ADCMP356 Datasheet HTML 9Page - Analog Devices ADCMP356 Datasheet HTML 10Page - Analog Devices ADCMP356 Datasheet HTML 11Page - Analog Devices ADCMP356 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADCMP350/ADCMP352/ADCMP354/ADCMP356
Rev. 0 | Page 9 of 12
APPLICATIONS
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, positive
feedback can be used to add hysteresis to the noninverting parts
(ADCMP354 and ADCMP356).
For the noninverting configuration shown in Figure 19, two
resistors are used to create different switching thresholds,
depending on whether the input signal is increasing or
decreasing in magnitude. When the input voltage is increasing,
the threshold is above VREF, and when it’s decreasing, the
threshold is below VREF.
The upper input threshold level is given by
()
R2
R1
V
R2
R1
V
V
CC
REF
IN_HI
−
+
=
where VREF = 0.6 V.
The lower input threshold level is given by
(
)
R2
R2
R1
V
V
REF
IN_LO
+
=
The hysteresis is the difference between these voltage levels and
is given by
R2
R1
V
V
CC
IN =
∆
ADM331
OUT
ADCMP354
VCC = 5V
RPULLUP
RLOAD
R2
R1
VIN
VIN
VREF = 0.6V
Figure 19. Noninverting Comparator Configuration with Hysteresis
VOLTAGE DETECTOR
The ADCMP35x parts can be used to monitor voltages, such as
battery monitoring or threshold detectors. Using a resistor
divider at the input to select the appropriate trip voltage, the
comparator can be configured to give a logic output when the
input passes that threshold. Figure 20 shows the typical
configuration of the ADCMP354 for monitoring a supply to
indicate that the voltage is above a certain level.
ADM331
OUT
ADCMP354
VCC = 5V
RPULLUP
R1
VIN
VIN
VREF = 0.6V
R1
Figure 20. Voltage Detector Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com