Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD600SQ/883B Datasheet(PDF) 22 Page - Analog Devices

Part # AD600SQ/883B
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600SQ/883B Datasheet(HTML) 22 Page - Analog Devices

Back Button AD600SQ/883B Datasheet HTML 18Page - Analog Devices AD600SQ/883B Datasheet HTML 19Page - Analog Devices AD600SQ/883B Datasheet HTML 20Page - Analog Devices AD600SQ/883B Datasheet HTML 21Page - Analog Devices AD600SQ/883B Datasheet HTML 22Page - Analog Devices AD600SQ/883B Datasheet HTML 23Page - Analog Devices AD600SQ/883B Datasheet HTML 24Page - Analog Devices AD600SQ/883B Datasheet HTML 25Page - Analog Devices AD600SQ/883B Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD600/AD602
Rev. E | Page 22 of 28
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
+5V
DEC
–5V
DEC
–5V
DEC
NC
NC
NC
NC
NC
NC
C5
22µF
+5V DEC
R11
46.4kΩ
R10
3.16kΩ
U3C
INPUT
1V rms
MAX
(SINE WAVE)
U3A
1/4
AD713
C2
0.1µF
NC = NO CONNECT
R6
10kΩ
R7
127Ω
R8
127Ω
R9
10kΩ
+5V
–5V
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
C1
0.1µF
C3
220pF
R4
133kΩ
R5
1.58kΩ
R2
487Ω
R3
200Ω
R1
133kΩ
–2dB
–62.5mV
0dB
+2dB
+62.5mV
C6
4.7µF
+316.2mV
R16
6.65kΩ
R15
19.6kΩ
+5V DEC
R13
3.01kΩ
R12
11.3kΩ
R14
301kΩ
Q1
2N3906
1
2
3
4
5
6
7
14
13
12
11
10
9
8
U4
AD636
VINP
VNEG
CAVG
VLOG
BFOP
BFIN
VPOS
COMM
LDLO
VRMS
FB
FB
+5V
–5V
+5V
DEC
–5V
DEC
0.1µF
0.1µF
POWER SUPPLY
DECOUPLING
NETWORK
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
+
–
U1 AD600
U3B
1/4
AD713
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
+
–
U2 AD600
VOUT
+5V
DEC
–5V
DEC
1/4
AD713
VLOG
C4
2µF
Figure 47. RMS Responding AGC Circuit with 100 dB Dynamic Range
A 100 dB RMS/AGC SYSTEM WITH MINIMAL GAIN
ERROR (PARALLEL GAIN WITH OFFSET)
Figure 47 shows an rms-responding AGC circuit that can be
used equally well as an accurate measurement system. It accepts
inputs of 10 μV to 1 V rms (−100 dBV to 0 dBV) with generous
overrange. Figure 48 shows the logarithmic output, VLOG, which
is accurately scaled 1 V per decade, that is, 50 mV/dB, with an
intercept (VLOG = 0) at 3.16 mV rms (−50 dBV). Gain offsets of
±2 dB were introduced between the amplifiers, provided by the
±62.5 mV introduced by R6 to R9. These offsets cancel a small
gain ripple that arises in the X-AMP from its finite interpolation
error, which has a period of 18 dB in the individual VCA
sections. The gain ripple of all three amplifier sections without
this offset (in which case, the gain errors simply add) is shown
in Figure 49; it is still a remarkably low ±0.25 dB over the
108 dB range from 6 μV to 1.5 V rms. However, with the gain
offsets connected, the gain linearity remains under ±0.1 dB over
the specified 100 dB range (see Figure 50).
5
3
–5
1µ
10µ
10
1
100m
10m
1m
100µ
4
2
0
1
–1
–3
–2
–4
INPUT SIGNAL (V rms)
Figure 48. VLOG Plotted vs. VIN for Figure 47’s Circuit Showing 120 dB AGC Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com