Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD1990EB Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-AD1990EB
Description  Audio Switching Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1990EB Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-AD1990EB Datasheet HTML 8Page - Analog Devices EVAL-AD1990EB Datasheet HTML 9Page - Analog Devices EVAL-AD1990EB Datasheet HTML 10Page - Analog Devices EVAL-AD1990EB Datasheet HTML 11Page - Analog Devices EVAL-AD1990EB Datasheet HTML 12Page - Analog Devices EVAL-AD1990EB Datasheet HTML 13Page - Analog Devices EVAL-AD1990EB Datasheet HTML 14Page - Analog Devices EVAL-AD1990EB Datasheet HTML 15Page - Analog Devices EVAL-AD1990EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD1990
Rev. 0 | Page 14 of 16
Using a Crystal Oscillator
Clocking Multiple Amplifiers in Parallel
The AD1990 can use a crystal connected to the CLKI and
CLKO pins as a master clock source, as shown in Figure 25. The
CLKI and CLKO pins connect to an internal inverter to create a
full resonator. The typical values shown work in many applications,
but the crystal manufacturer should provide the exact type and
value of the capacitors and the resistor.
If there are multiple AD199x family amplifiers connected to the
same PVDD supply, use the same clock source (or synchronous
derivatives) for each amplifier as previously described. Avoid
clocking amplifiers from similar but asynchronous clocks if
they use the same power supply because this can result in beat
frequencies.
22pF
22pF
XTAL
47Ω
PROTECTION CIRCUITS AND ERROR REPORTING
Thermal Protection
The AD1990 features thermal protection. When the die
temperature exceeds approximately 135°C, the thermal warning
error output (ERR1) is asserted. If the die temperature exceeds
approximately 150°C, the thermal shutdown error output
(ERR2) is asserted. If this occurs, the part shuts down to
prevent damage to the part. When the die temperature drops
below approximately 120°C, the part returns to normal
operation automatically and negates both error outputs.
Figure 25. Crystal Connection
Using an External Clock Source
If a clock signal of the appropriate frequency already exists in
the application circuit, connect it directly to CLKI and leave
CLKO floating. The logic levels of the square wave should be
compatible with those defined in Specifications section.
Overcurrent Protection
The AD1990 features over current or short-circuit protection. If
the current through any power transistors exceeds approximately
4 A, the part enters a mute state and the overcurrent error
output (ERR0) is asserted. This is a latched error and does not
clear automatically. Restore normal operation and clear the
error condition by either asserting and then negating RESET or
by asserting and then negating MUTE.
Large amounts of jitter on the clock input degrade performance.
Whenever possible, avoid passing the clock signal through
programmable logic and other circuits with unknown or variable
propagation delay. In general, clock signals suitable for audio ADCs
or DACs are also appropriate for use with the AD1990.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com