Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7401EB Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-AD7401EB
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7401EB Datasheet(HTML) 5 Page - Analog Devices

  EVAL-AD7401EB Datasheet HTML 1Page - Analog Devices EVAL-AD7401EB Datasheet HTML 2Page - Analog Devices EVAL-AD7401EB Datasheet HTML 3Page - Analog Devices EVAL-AD7401EB Datasheet HTML 4Page - Analog Devices EVAL-AD7401EB Datasheet HTML 5Page - Analog Devices EVAL-AD7401EB Datasheet HTML 6Page - Analog Devices EVAL-AD7401EB Datasheet HTML 7Page - Analog Devices EVAL-AD7401EB Datasheet HTML 8Page - Analog Devices EVAL-AD7401EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7401
Rev. A | Page 5 of 20
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 3.
Parameter
Symbol
Value
Unit
Conditions
Input-to-Output Withstand Momentary Withstand Voltage
VISO
3750 min
V
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.46 min
mm
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1 min
mm
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table I)
REGULATORY INFORMATION
Table 4.
UL1
CSA
VDE2
Recognized under 1577
Component Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN EN 60747-5-2
(VDE 0884 Part 2): 2003-012
3750 V rms Isolation Voltage
Reinforced insulation per
CSA 60950-1-03 and IEC 60950-1,
630 V rms maximum working
voltage
Basic insulation, 891 V peak
Complies with DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01,
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
Reinforced insulation, 891 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each AD7401 is proof tested by applying an insulation test voltage ≥ 4500 V rms for 1 second (current leakage detection limit = 7.5 μA).
2 In accordance with DIN EN 60747-5-2, each AD7401 is proof tested by applying an insulation test voltage ≥ 1671 V peak for 1 second (partial discharge detection
limit = 5 pC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com