Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5991 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5991
Description  PRIMARY CONTROLLER WITH STANDBY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5991_01 Datasheet HTML 8Page - STMicroelectronics L5991_01 Datasheet HTML 9Page - STMicroelectronics L5991_01 Datasheet HTML 10Page - STMicroelectronics L5991_01 Datasheet HTML 11Page - STMicroelectronics L5991_01 Datasheet HTML 12Page - STMicroelectronics L5991_01 Datasheet HTML 13Page - STMicroelectronics L5991_01 Datasheet HTML 14Page - STMicroelectronics L5991_01 Datasheet HTML 15Page - STMicroelectronics L5991_01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
in fig.28) holds the pin low in order to ensure that
the external MOS cannot be turned on acciden-
tally. The peculiarity of this circuit is its ability to
mantain the same sink capability (typically, 20mA
@ 1V) from VCC = 0V up to the start-up threshold.
When the threshold is exceeded and the L5991
starts operating, VREFOK is pulled high (refer to fig.
28) and the circuit is disabled.
It is then possible to omit the "bleeder" resistor
(connected between the gate and the source of
the MOS) ordinarily used to prevent undesired
switching-on of the external MOS because of
some leakage current.
Pin 11. PGND (Power Ground). The current loop
during the discharge of the gate of the external
MOS is closed through this pin. This loop should
be as short as possible to reduce EMI and run
separately from signal currents return.
Pin 12. SGND (Signal Ground). This ground refer-
ences the control circuitry of the IC, so all the
ground connections of the external parts related
to control functions must lead to this pin. In laying
out the PCB, care must be taken in preventing
switched high currents from flowing through the
SGND path.
Pin 13. ISEN (Current Sense). This pin is to be
connected to the "hot" lead of the current sense
resistor Rsense (being the other one grounded), to
get a voltage ramp which is an image of the cur-
rent of the switch (IQ). When this voltage is equal
to:
V13pk
= IQpk⋅ Rsense =
VCOMP
− 1.4
3
(9)
the conduction of the switch is terminated.
To increase the noise immunity, a "Leading Edge
Blanking" of about 100ns is internally realized as
shown in fig. 29. Because of that, the smoothing
RC filter between this pin and Rsense could be re-
moved or, at least, considerably reduced.
Pin 14. DIS (Device Disable). When the voltage
on pin 14 rises above 2.5V the IC is shut down
and it is necessary to pull VCC (IC supply voltage,
pin 8) below the UVLO threshold to allow the de-
vice to restart.
The pin can be driven by an external logic signal
in case of power management, as shown in fig.
30. It is also possible to realize an overvoltage
protection, as shown in the section " Application
Ideas".If used, bypass this pin to ground with a fil-
ter capacitor to avoid spurious activation due to
noise spikes. If not, it must be connected to
SGND.
Pin 15. DC-LIM (Maximum Duty Cycle Limit). The
upper extreme, Dx, of the duty cycle range de-
pends on the voltage applied to this pin. Approxi-
mately,
Dx
≅
RT
RT
+ 230
(10
)
if DC-LIM is grounded or left floating. Instead,
+
-
I
D97IN503
ISEN
0
3V
CLK
2V
+
-
+
-
1.2V
FROM E/A
OVERCURRENT
COMPARATOR
PWM
COMPARATOR
TO PWM
LOGIC
TO FAULT
LOGIC
13
Figure 29. Internal LEB.
10
12
SGND
OUT
VREFOK
D97IN538
Figure 28. Pull-Down of the output in UVLO.
L5991 - L5991A
12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com