Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8021ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8021ARMZ
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8021ARMZ Datasheet HTML 3Page - Analog Devices AD8021ARMZ Datasheet HTML 4Page - Analog Devices AD8021ARMZ Datasheet HTML 5Page - Analog Devices AD8021ARMZ Datasheet HTML 6Page - Analog Devices AD8021ARMZ Datasheet HTML 7Page - Analog Devices AD8021ARMZ Datasheet HTML 8Page - Analog Devices AD8021ARMZ Datasheet HTML 9Page - Analog Devices AD8021ARMZ Datasheet HTML 10Page - Analog Devices AD8021ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8021
Rev. F | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
26.4 V
Power Dissipation
Observed power
derating curves
Input Voltage (Common Mode)
±VS ± 1 V
Differential Input Voltage1
±0.8 V
Differential Input Current
±10 mA
Output Short-Circuit Duration
Observed power
derating curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
1 The AD8021 inputs are protected by diodes. Current-limiting resistors are
not used to preserve the low noise. If a differential input exceeds ±0.8 V, the
input current should be limited to ±10 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8021 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Temporarily
exceeding this limit can cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure.
While the AD8021 is internally short-circuit protected, this can
not be sufficient to guarantee that the maximum junction tem-
perature (150°C) is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum
power derating curves.
AMBIENT TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0.01
–55 –45 –35 –25 –15 –5 5 15 25 35 45 55 65 75 85
8-LEAD SOIC
8-LEAD MSOP
Figure 3. Maximum Power Dissipation vs. Temperature1
1 Specification is for device in free air: 8-lead SOIC: θJA = 125°C/W; 8-lead
MSOP:
θJA = 145°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com