Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8328ACPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8328ACPZ
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8328ACPZ Datasheet HTML 7Page - Analog Devices AD8328ACPZ Datasheet HTML 8Page - Analog Devices AD8328ACPZ Datasheet HTML 9Page - Analog Devices AD8328ACPZ Datasheet HTML 10Page - Analog Devices AD8328ACPZ Datasheet HTML 11Page - Analog Devices AD8328ACPZ Datasheet HTML 12Page - Analog Devices AD8328ACPZ Datasheet HTML 13Page - Analog Devices AD8328ACPZ Datasheet HTML 14Page - Analog Devices AD8328ACPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8328
Rev. A | Page 11 of 20
DATEN
SDATA
CLK
VCC
SLEEP
NC
GND
VCC
VIN–
VIN+
BYP
AD8328
QSOP
TXEN
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SLEEP
GND
GND
GND
GND
TXEN
RAMP
VOUT–
VOUT+
GND
TOKO 458PT-1087
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
DATEN
SDATA
CLK
VIN+
VIN–
165Ω
0.1μF
0.1μF
0.1μF
10µF
0.1µF
0.1µF
TO DIPLEXER
ZIN = 75Ω
ZIN = 150Ω
Figure 20. Typical Application Circuit
Table 6. Adjacent Channel Power
Adjacent Channel Symbol Rate (kSym/s)
Channel Symbol Rate (kSym/s)
160
320
640
1280
2560
5120
160
−58
−60
−63
−66
−66
−64
320
−58
−59
−60
−64
−66
−65
640
−60
−58
−59
−61
−64
−65
1280
−62
−60
−59
−60
−61
−63
2560
−64
−62
−60
−59
−60
−61
5120
−66
−65
−62
−61
−59
−60
The output impedance of the AD8328 is 300 Ω, regardless
of whether the amplifier is in transmit enable or transmit
disable mode. This, when combined with a 2:1 voltage ratio
(4:1 impedance ratio) transformer, eliminates the need for
external back termination resistors. If the output signal is being
evaluated using standard 50 Ω test equipment, a minimum loss
75 Ω to 50 Ω pad must be used to provide the test circuit with
the proper impedance match. The AD8328 evaluation board
provides a convenient means to implement a matching attenuator.
Soldering a 43.3 Ω resistor in the R15 placeholder and an 86.6 Ω
resistor in the R16 placeholder allows testing on a 50 Ω system.
When using a matching attenuator, it should be noted that there
is a 5.7 dB of power loss (7.5 dB voltage) through the network.
POWER SUPPLY
The 5 V supply should be delivered to each of the VCC pins via a
low impedance power bus to ensure that each pin is at the same
potential. The power bus should be decoupled to ground using
a 10 μF tantalum capacitor located close to the AD8328. In
addition to the 10 μF capacitor, each VCC pin should be individually
decoupled to ground with ceramic chip capacitors located close
to the pins. The bypass pin, BYP, should also be decoupled. The
PCB should have a low impedance ground plane covering all
unused portions of the board, except in areas of the board
where input and output traces are in close proximity to the
AD8328 and the output transformer. All AD8328 ground pins
must be connected to the ground plane to ensure proper
grounding of all internal nodes.
SIGNAL INTEGRITY LAYOUT CONSIDERATIONS
Careful attention to printed circuit board layout details will
prevent problems due to board parasitics. Proper RF design
techniques are mandatory. The differential input and output
traces should be kept as short as possible. Keeping the traces
short minimizes parasitic capacitance and inductance. This is
most critical between the outputs of the AD8328 and the 2:1
output transformer. It is also critical that all differential signal
paths be symmetrical in length and width. In addition, the
input and output traces should be adequately spaced to
minimize coupling (crosstalk) through the board. Following
these guidelines optimizes the overall performance of the
AD8328 in all applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com