Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP1653 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1653_07 Datasheet HTML 1Page - ON Semiconductor NCP1653_07 Datasheet HTML 2Page - ON Semiconductor NCP1653_07 Datasheet HTML 3Page - ON Semiconductor NCP1653_07 Datasheet HTML 4Page - ON Semiconductor NCP1653_07 Datasheet HTML 5Page - ON Semiconductor NCP1653_07 Datasheet HTML 6Page - ON Semiconductor NCP1653_07 Datasheet HTML 7Page - ON Semiconductor NCP1653_07 Datasheet HTML 8Page - ON Semiconductor NCP1653_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 6
1
Publication Order Number:
NCP1653/D
NCP1653, NCP1653A
Compact, Fixed−Frequency,
Continuous Conduction
Mode PFC Controller
The NCP1653 is a controller designed for Continuous Conduction
Mode (CCM) Power Factor Correction (PFC) boost circuits. It
operates in the follower boost or constant output voltage in 67 or 100
kHz fixed switching frequency. Follower boost offers the benefits of
reduction of output voltage and hence reduction in the size and cost
of the inductor and power switch. Housed in a DIP−8 or SO−8
package, the circuit minimizes the number of external components
and drastically simplifies the CCM PFC implementation. It also
integrates high safety protection features. The NCP1653 is a driver
for robust and compact PFC stages.
Features
IEC1000−3−2 Compliant
Continuous Conduction Mode
Average Current−Mode or Peak Current−Mode Operation
Constant Output Voltage or Follower Boost Operation
Very Few External Components
Fixed Switching Frequency: 67 kHz = NCP1653A,
Fixed Switching Frequency: 100 kHz = NCP1653
Soft−Start Capability
VCC Undervoltage Lockout with Hysteresis (8.7 / 13.25 V)
Overvoltage Protection (107% of Nominal Output Level)
Undervoltage Protection or Shutdown (8% of Nominal Output Level)
Programmable Overcurrent Protection
Programmable Overpower Limitation
Thermal Shutdown with Hysteresis (120 / 150_C)
Pb−Free Packages are Available
Typical Applications
TV & Monitors
PC Desktop SMPS
AC Adapters SMPS
White Goods
AC
Input
EMI
Filter
Output
In
Gnd
Vcontrol Drv
FB
VCC
CS
VM
15 V
NCP1653
Figure 1. Typical Application Circuit
PDIP−8
P SUFFIX
CASE 626
1
8
PIN CONNECTIONS
http://onsemi.com
MARKING DIAGRAMS
SO−8
D SUFFIX
CASE 751
1
FB
8 VCC
2
Vcontrol
3
In
4
CS
7 Drv
6 GND
5 VM
(Top View)
A suffix = 67 kHz option
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G
= Pb−Free Package
1
8
1
8
NCP1653
AWL
YYWWG
http://onsemi.com
N1653
ALYW
G
1
8
1
8
NCP1653A
AWL
YYWWG
1653A
ALYW
G
1
8
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1653_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_06 Datasheet
244Kb / 2P
300 W 80 PLUS ATX Reference Design
Rev. 2, Oct-2006
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
More results

Similar Description - NCP1653_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
logo
Texas Instruments
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
Interleaving Continuous Conduction Mode PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Renesas Technology Corp
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com