Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LS8252 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89LS8252
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS8252 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89LS8252_06 Datasheet HTML 18Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 19Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 20Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 21Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 22Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 23Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 24Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 25Page - ATMEL Corporation AT89LS8252_06 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
0850C–MICRO–3/06
AT89LS8252
Figure 14. Programming the Flash/EEPROM Memory
P1
P2.6
P3.6
P2.0 - P2.5
A0 - A7
ADDR.
0000H/27FFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-12 MHz
A8 - A13
P0
+5V
P2.7
PGM
DATA
PROG
V
V
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
AT89LS8252
PP
IH
CC
Figure 15. Flash/EEPROM Serial Downloading
Figure 16. Verifying the Flash/EEPROM Memory
P1
P2.6
P3.6
P2.0 - P2.5
A0 - A7
ADDR.
0000H/27FFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-12 MHz
A8 - A13
P0
+5V
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
V
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
AT89LS8252
V
CC
IH
PP
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com