Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB320A Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43USB320A
Description  Full-speed USB Microcontroller with an Embedded Hub
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB320A Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43USB320A Datasheet HTML 17Page - ATMEL Corporation AT43USB320A Datasheet HTML 18Page - ATMEL Corporation AT43USB320A Datasheet HTML 19Page - ATMEL Corporation AT43USB320A Datasheet HTML 20Page - ATMEL Corporation AT43USB320A Datasheet HTML 21Page - ATMEL Corporation AT43USB320A Datasheet HTML 22Page - ATMEL Corporation AT43USB320A Datasheet HTML 23Page - ATMEL Corporation AT43USB320A Datasheet HTML 24Page - ATMEL Corporation AT43USB320A Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
21
AT43USB320A
1443E–USB–4/04
The most typical and general program setup for the Reset and Interrupt Vector Addresses are:
USB related interrupt events are routed to reset vectors 13 and 2 through a separate set of
interrupt, interrupt enable and interrupt mask registers that are mapped to the data SRAM
space. These interrupts must be enabled though their control register bits. In the event an
interrupt is generated, the source of the interrupt is identified by reading the interrupt registers.
The USB frame and transaction related interrupt events, such as Start of Frame interrupt, are
grouped in one set of registers: USB Interrupt Flag Register and USB Interrupt Enable Regis-
ter. The USB Bus reset and suspend/resume are grouped in another set of registers:
Suspend/Resume Register and Suspend/Resume Interrupt Enable Register.
Address
Labels
Code
Comments
$000
jmp
RESET
; Reset Handler
$004
jmp
EXT_INT1
; IRQ1 Handler
$00E
jmp
TIM0_OVF
; Timer0 Overflow
Handler
$018
jmp
USB_HW
; USB Handler
;
$00d
MAIN:
ldi r16, high (RAMEND)
; Main Program
start
$00e
out SPH, r16
$00f
ldi r16, low (RAMEND)
$010
out SPL, r16
$011
<instr> xxx
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com