Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8002 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCFM8002
Description  All-SiC Power MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8002 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCFM8002 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 7Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 8Page - Inchange Semiconductor Company Limited ISCFM8002 Datasheet HTML 9Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISCFM8002
eq WAS110M12BM2
All-SiC Power MODULE
www.iscsemi.com
2023-9-2
3
Diode Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VSD
Diode Forward Voltage
ISD= 120A
--
1.53
1.8
V
ISD= 120A;TJ=150°C
--
1.92
2.7
VR=1200V;TJ=150°C
--
--
2000
trr
Reverse Recovery Time
VGS = -5 V, ISD = 120 A, VDS =
600 V
TVJ = 150 °C
--
120
--
ns
Qrr
Reverse Recovery Charge
--
4.8
--
uC
IRRM
Peak Reverse Recovery
Current
--
173
--
A
Module Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Visol
Case Isolation Voltage
t=1min, f=50Hz
3500
--
--
V
Tj max
Maximum Junction Temperature
--
--
175
℃
Tvj op
Operating Junction Temperature
-40
--
175
℃
Mt
Module Electrodes Torque
Recommended(M6)
3.0
--
6.0
N.m
Ms
Module to Sink Torque
Recommended(M6)
3.0
--
6.0
G
Weight of Module
--
300
--
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com