Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZTX751 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ZTX751
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ZTX751 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ZTX751 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ZTX751 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ZTX751 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISB3012
eq ZTX751
Silicon PNP Power Transistor
www.iscsemi.com
2023-9-20
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -100uA; IC= 0
-7
--
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=-10mA; IB= 0
-60
--
--
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -100uA; IE= 0
-80
--
--
V
ICBO
Collector Cutoff Current
VCE = -60V; IE= 0
--
--
-0.1
uA
IEBO
Emitter Cutoff Current
VEB = -6V; IC= 0
--
--
-0.1
uA
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -100mA
--
--
-0.3
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -2A; IB= -200mA
--
--
-0.5
V
VBE(sat)
Base -Emitter Saturation Voltage
IC= -1A; IB= -100mA
--
--
-1.25
V
VBE(on)
Base-Emitter Turn-On Voltage
IC= -1A;VCE= -2V
--
--
-1
V
hFE
DC Current Gain
IC= -50mA; VCE= -2V
70
200
--
hFE
DC Current Gain
IC= -500mA; VCE= -2V
100
200
300
hFE
DC Current Gain
IC= -1A; VCE= -2V
80
170
--
hFE
DC Current Gain
IC= -2A; VCE= -2V
40
80
--



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com