Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCM5345M Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5345M
Description  24 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5345M Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5345M Datasheet HTML 1Page - Broadcom Corporation. BCM5345M Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OV E R V I E W
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2003 by BROADCOM CORPORATION. All rights reserved.
5345M-PB01-R
09/26/03
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The Broadcom BCM5345M device is a highly integrated solution
providing connectivity for 24 ports of Gigabit Ethernet. It combines all
the functions of a high-speed switch system, including packet buffer,
media access controllers, address management, and a nonblocking
switch fabric as well as a CPU interface into a single 0.13 µm CMOS
device. It complies with IEEE 802.3, 802.3u, 802.3ab, and 802.3x
specifications, including the MAC control, pause frame, and auto-
negotiation subsections, providing compatibility with all industry-
standard Ethernet, Fast Ethernet, and Gigabit Ethernet devices.
The BCM5345M is ideal for applications such as Gigabit Ethernet
workgroup switches, desktop switches, and data center switches. While
configurations of 24 Gigabit Ethernet ports can be achieved with only
one switch device, configurations of up to 48 ports can be built using
multiple BCM5345M devices with aggregated Gigabit Ethernet links
between them.
The BCM5345M supports 24 Gigabit Ethernet ports in a single device
with all ports in wirespeed operation. It offers 24 ports of RGMII
(802.3ab, 1000BASE-T) interfaces with full-duplex operation at Gigabit
Ethernet speed and full-duplex or half-duplex operation at 10/100 Mbps
speed (using 10BASE-T/100BASE-T). It forwards Ethernet frames with
lengths between 64 bytes and 9216 bytes based on L2 MAC address
lookups in the 8k entry on-chip MAC address table with automatic
learning and aging support. The device supports four levels of priority
that can be either assigned from the 802.1p user priority bits or the TOS
field for Differentiated Services. The device also supports MAC access
control (802.1x) as well as port trunking (802.3ad). In addition,
individual ports can be rate controlled in 16 steps down to 64 kbps.
The BCM5345M device offers an integrated PCI bus to support fully
managed applications. All the required counters and frame trapping
mechanisms as well as the DMA support are incorporated into the
device.
S h ar ed B u f f er
Ou t p ut
Queuei ng
Buf f er
Manager
MIB
Co un t e r s
PCI
Inte r f a c e
Se r i al
to
P a ra lle l
Par al l el
to
Se r i al
Ta bl e
Managem en t
L2 MA C
Ta bl e
VLAN
Ta bl e
GMAC
G MAC
G MA C
Por t
Manager
G-Port
G-Port
G-Port
To CPU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com