Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89S52 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89S52
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89S52 Datasheet HTML 29Page - ATMEL Corporation AT89S52 Datasheet HTML 30Page - ATMEL Corporation AT89S52 Datasheet HTML 31Page - ATMEL Corporation AT89S52 Datasheet HTML 32Page - ATMEL Corporation AT89S52 Datasheet HTML 33Page - ATMEL Corporation AT89S52 Datasheet HTML 34Page - ATMEL Corporation AT89S52 Datasheet HTML 35Page - ATMEL Corporation AT89S52 Datasheet HTML 36Page - ATMEL Corporation AT89S52 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
33
1919C–MICRO–3/05
AT89S52
35. Shift Register Mode Timing Waveforms
36. AC Testing Input/Output Waveforms
(1)
Note:
1. AC Inputs during testing are driven at V
CC - 0.5V
for a logic 1 and 0.45V for a logic 0. Timing measurements are made at VIH min. for a logic 1 and VIL max. for a logic 0.
37. Float Waveforms(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to
float when a 100 mV change from the loaded VOH/VOL level occurs.
34. Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for V
CC = 4.0V to 5.5V and Load Capacitance = 80 pF.
Symbol
Parameter
12 MHz Osc
Variable Oscillator
Units
Min
Max
Min
Max
t
XLXL
Serial Port Clock Cycle Time
1.0
12 t
CLCL
µs
tQVXH
Output Data Setup to Clock Rising Edge
700
10 tCLCL-133
ns
t
XHQX
Output Data Hold After Clock Rising Edge
50
2 t
CLCL-80
ns
t
XHDX
Input Data Hold After Clock Rising Edge
0
0
ns
tXHDV
Clock Rising Edge to Input Data Valid
700
10 tCLCL-133
ns
t
XHDV
t
QVXH
t
XLXL
t
XHDX
t
XHQX
ALE
INPUT DATA
CLEAR RI
OUTPUT DATA
WRITE TO SBUF
INSTRUCTION
CLOCK
0
0
1
1
2
2
3
3
4
4
5
5
6
6
7
7
SET TI
SET RI
8
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
0.45V
TEST POINTS
V
- 0.5V
CC
0.2 V
+ 0.9V
CC
0.2 V
- 0.1V
CC
V
LOAD
+ 0.1V
Timing Reference
Points
V
LOAD
- 0.1V
LOAD
V
V
OL
+ 0.1V
V
OL
- 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com