Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51RC
Description  8-bit Microcontroller with 32K Bytes Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51RC_05 Datasheet HTML 17Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 18Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 19Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 20Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 21Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 22Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 23Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 24Page - ATMEL Corporation AT89C51RC_05 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
1920C–MICRO–03/05
AT89C51RC
20. Program Memory Lock Bits
The AT89C51RC has three lock bits that can be left unprogrammed (U) or can be programmed
(P) to obtain the additional features listed in Table 20-1.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched during reset.
If the device is powered up without a reset, the latch initializes to a random value and holds that
value until reset is activated. The latched value of EA must agree with the current logic level at
that pin in order for the device to function properly.
21. Programming the Flash
The AT89C51RC is shipped with the on-chip Flash memory array ready to be programmed. The
programming interface needs a high-voltage (12-volt) program enable signal and is compatible
with conventional third-party Flash or EPROM programmers.
The AT89C51RC code memory array is programmed byte-by-byte.
Programming Algorithm: Before programming the AT89C51RC, the address, data, and con-
trol signals should be set up according to Table 22-1 and Figures 22-1 and 22-2. To program the
AT89C51RC, take the following steps:
1.
Input the desired memory location on the address lines.
2.
Input the appropriate data byte on the data lines.
3.
Activate the correct combination of control signals.
4.
Raise EA/V
PP to 12V.
5.
Pulse ALE/PROG once to program a byte in the Flash array or the lock bits. The byte-
write cycle is self-timed and typically takes no more than 50 µs. Repeat steps 1
through 5, changing the address and data for the entire array or until the end of the
object file is reached.
Table 20-1.
Lock Bit Protection Modes
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features
2P
U
U
MOVC instructions executed from external program memory
are disabled from fetching code bytes from internal memory,
EA is sampled and latched on reset, and further
programming of the Flash memory is disabled
3
P
P
U
Same as mode 2, but verify is also disabled
4
P
P
P
Same as mode 3, but external execution is also disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com