Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NNL05-9C Datasheet(PDF) 2 Page - C&D Technologies

Part # NNL05-9C
Description  Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL05-9C Datasheet(HTML) 2 Page - C&D Technologies

  NNL05-9C Datasheet HTML 1Page - C&D Technologies NNL05-9C Datasheet HTML 2Page - C&D Technologies NNL05-9C Datasheet HTML 3Page - C&D Technologies NNL05-9C Datasheet HTML 4Page - C&D Technologies NNL05-9C Datasheet HTML 5Page - C&D Technologies NNL05-9C Datasheet HTML 6Page - C&D Technologies NNL05-9C Datasheet HTML 7Page - C&D Technologies NNL05-9C Datasheet HTML 8Page - C&D Technologies NNL05-9C Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NNL05 Series
Non-Isolated DC/DC Converters
KDC_NNL05C.D02 Page 2 of 0
www.cd4power.com
ABSOLUTE MAXIMUM RATINGS
Short circuit protection
Continuous
Input voltage VIN
NNL05-9C
6.0V
NNL05-0C
5.0V
Trim voltage
NNL05-9C
-0.35V to VOUT
NNL05-0C
-0.3V to VOUT
Remote on/off
NNL05-9C
-0.35V to 6.0V
NNL05-0C
-0.3V to +VOUT
Minimum load
0%
GENERAL CHARACTERISTICS1
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
300
kHz
Start delay
NNL05-9C
5.0
ms
NNL05-0C
7.0
Remote on/off
NNL05-9C
Module on
(or pin unconnected)
0
0.5
V
-0.4
mA
Module off
2.6
VIN
V
.0
mA
NNL05-0C
Module on
(or pin unconnected)
0
0.5
V
-0.4
mA
Module off
2.5
VIN
V
0.25
.0
mA
TEMPERATURE CHARACTERISTICS1
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
See thermal performance characteristics
-40
85
°C
Storage
Absolute Max. internal temperature
-55
25
°C
Over temperature protection
Operates at substrate temperature
NNL05-9C
0
°C
NNL05-0C
8
OUTPUT VOLTAGE ADJUSTMENT
+VIN
+VOUT
Common
TRIM
RTRIM
NNL05
+VIN
+VOUT
TRIM
VTRIM
NNL05
The trimming (adjust) input on the device allows
output voltage adjustment from 0.75V to 3.3Vdc
(NNL05-9C) or 5.0 (NNL05-0C) by using a resistor
as shown in fig. or by applying a voltage between
trim and common pins as shown in fig.2.
To calculate the resistor value for NNL05-9C:
RTRIM =
2070
– 50 Ω
VOUT – 0.7525
To calculate the resistor value for NNL05-0C:
RTRIM =
0500
– 000 Ω
VOUT – 0.7525
To calculate VTRIM for NNL05-9C:
VTRIM = (0.7–0.698 x {VOUT – 0.7525})
To calculate VTRIM for NNL05-0C:
VTRIM = (0.7–0.0667 x {VOUT – 0.7525})
Tables  & 2 provide RTRIM and VTRIM Values for the
most commonly required output voltages.
Table : NNL05-9C RTRIM & VTRIM
VOUT SET (V)
RTRIM (kΩ)
VTRIM (V)
0.75
Open
Open
.2
4.7
0.624
.5
22.98
0.573
.8
4.96
0.505
2.5
6.93
0.403
3.3
3.5
0.267
Table 2: NNL05-0C RTRIM & VTRIM
VOUT SET (V)
RTRIM (kΩ)
VTRIM (V)
0.75
Open
Open
.2
22.46
0.670
.5
3.05
0.650
.8
9.024
0.630
2.5
5.009
0.583
3.3
3.22
0.530
5.0
.472
0.466
Fig.
Fig.2
. Specifications typical at T
A =25°C, nominal input voltage and rated output current unless otherwise specified.
Common



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com