Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB081B Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT45DB081B
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT45DB081B_05 Datasheet HTML 24Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 25Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 26Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 27Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 28Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 29Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 30Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 31Page - ATMEL Corporation AT45DB081B_05 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
AT45DB081B
2225I–DFLSH–9/05
Note:
Green packages cover lead-free requirements.
Ordering Information
f
SCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
20
10
0.01
AT45DB081B-CC
AT45DB081B-CNC
AT45DB081B-RC
AT45DB081B-TC
14C1
8CN3
28R
28T
Commercial
(0
°C to 70°C)
20
10
0.01
AT45DB081B-CI
AT45DB081B-CNI
AT45DB081B-RI
AT45DB081B-TI
14C1
8CN3
28R
28T
Industrial
(-40
°C to 85°C)
15
10
0.01
AT45DB081B-CC-2.5
AT45DB081B-CNC-2.5
AT45DB081B-RC-2.5
AT45DB081B-TC-2.5
14C1
8CN3
28R
28T
Commercial
(0
°C to 70°C)
2.5V to 3.6V
Green Packaging Options (Pb/Halide-free)
fSCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
20
10
0.01
AT45DB081B-CNU
AT45DB081B-RU
AT45DB081B-TU
AT45DB081B-CU
8CN3
28R
28T
14C1
Industrial
(-40
°C to 85°C)
Package Type
14C1
14-ball (3 x 5 Array), Plastic Chip-scale Ball Grid Array (CBGA)
8CN3
8-pad (6 mm x 8 mm ) Chip Array Small Outline No Lead Package (CASON
)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline Package (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com