| Electronic Components Datasheet Search |
|
LSN2-T/16N-C Datasheet(PDF) 10 Page - C&D Technologies |
|
|
|||||||||||||||||||||||||||||
LSN2-T/16N-C Datasheet(HTML) 10 Page - C&D Technologies |
|
10 / 14 page ![]() ® LSN2 Series Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters LSN2 Series Page 10 of 14 www.cd4power.com These diagrams illustrate the time and slew rate relationship between two typical power output voltages. Generally the Master will be a primary power voltage in the system which must be present first or coincident with any Slave power voltages. The Master output voltage is connected to the Slave’s Sequence input, either by a voltage divider, divider-plus-capacitor or some other method. Several standard sequencing architectures are prevalent. They are concerned with three factors: ■ The time relationship between the Master and Slave voltages ■ The voltage difference relationship between the Master and Slave ■ The voltage slew rate (ramp slope) of each converter’s output. For most systems, the time relationship is the dominant factor. The voltage difference relationship is important for systems very concerned about possible latchup of programmable devices or overdriving ESD diodes. Lower slew rates avoid overcurrent shutdown during bypass cap charge-up. In Figure 18, two POL’s ramp up at the same rate until they reach their dif- ferent respective final set point voltages. During the ramp, their voltages are nearly identical. This avoids problems with large currents flowing between Figures 10 and 11 show both delayed start up and delayed final voltages for two converters. Figure 10 is called “Inclusive” because the later starting POL finishes inside the earlier POL. The timing in Figure 10 is more easily built using a combined digital sequence controller and the Sequence/Track pin. Figure 11 is the same strategy as Figure 10 but with an “exclusive” timing relationship staggered approximately the same at power-up and power-down. Operation To use the Sequence pin after power start-up stabilizes, apply a rising external voltage to the Sequence input. As the voltage rises, the output voltage will track the Sequence input (gain = 1). The output voltage will stop rising when it reaches the normal set point for the converter. The Sequence input may optionally continue to rise without any effect on the output. Keep the Sequence input voltage below the converter’s input supply voltage. Use a similar strategy on power down. The output voltage will stay constant until the Sequence input falls below the set point. Any strategy may be used to deliver the power up/down ramps. The circuits below show simple RC networks but you may also use operational amplifiers, D/A converters, etc. Circuits The circuits shown in Figures 12 through 14 introduce several concepts when using these Sequencing controls on Point-of-Load (POL) converters. These circuits are only for reference and are not intended as final designs ready for your application. Also, numerous connections are omitted for clarity. Figure 8. Coincident or Simultaneous Phasing (Identical Slew Rates) Figure 9. Proportional or Ratiometric Phasing (Identical VOUT Time) Figure 10. Staggered or Sequential Phasing—Inclusive (Fixed Delays) Figure 11. Staggered or Sequential Phasing—Exclusive (Fixed Cascaded Delays) logic systems which are not initialized yet. Since both end voltages are differ- ent, each converter reaches it’s setpoint voltage at a different time. Figure 9 shows two POL’s with different slew rates in order to reach differing final voltages at about the same time. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |