Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSN2-T/16G-C Datasheet(PDF) 8 Page - C&D Technologies

Part # LSN2-T/16G-C
Description  Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LSN2-T/16G-C Datasheet(HTML) 8 Page - C&D Technologies

Back Button LSN2-T/16G-C Datasheet HTML 4Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 5Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 6Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 7Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 8Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 9Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 10Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 11Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 12Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
®
LSN2 Series
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2 Series Page 8 of 14
www.cd4power.com
RTRIM (
Ω) = _____________ –5110
VO – 0.7525
21070
RTRIM (
Ω) = _____________ –1000
VO – 0.7525
10500
The LSN2 series includes a pre-bias startup mode to prevent these initializa-
tion problems. Essentially, the converter acts as a simple buck converter until
the output reaches its set point voltage at which time it converts to a synchro-
nous rectifier design. This feature is variously called “monotonic” because
the voltage does not decay (from low side MOSFET shorting) or produce a
negative transient once the input power is applied and the startup sequence
begins.
Don’t Use Pre-Biasing and Sequencing Together
Normally, you would use startup sequencing on multiple DC/DC’s to solve the
Pre-Bias problem. By causing all power sources to ramp up together, no one
source can dominate and force the others to fail to start. For most applica-
tions, do not use startup sequencing in a Pre-Bias application, especially with
an external active power source.
If you have active source pre-biasing, leave the Sequence input open so that
the output will step up quickly and safely. A symptom of this condition is
repeated failed starts. You can further verify this by removing the existing load
and testing it with a separate passive resistive load which does not exceed full
current. If the resistive load starts successfully, you may be trying to drive an
external pre-biased active source.
It may also be possible to use pre-bias and sequencing together if the Pre-
Bias source is in fact only a small external bypass capacitor slowly charged by
leakage currents. Test your application to be sure.
Output Adjustments
The LSN2 series includes a special output voltage trimming feature which
is fully compatible with competitive units. The output voltage may be varied
using a single trim resistor from the Trim input to Power Common (pin 4)
or an external DC trim voltage applied between the Trim input and Power
Common. The output voltage range for W3 models is 0.75 to 3.3 Volts. For D12
models, the output range is 0.75 to 5 Volts.
IMPORTANT: On W3 models only, for outputs greater than 3 Volts up to 3.3
Volts maximum, the input supply must be 4.5 Volts minimum. To retain proper
regulation, do not exceed the 3.3V output.
As with other trim adjustments, be sure to use a precision low-tempco resis-
tor (±100 ppm/°C) mounted close to the converter with short leads. Also be
aware that the output voltage accuracy is ±2% (typical) therefore you may
need to vary this resistance slightly to achieve your desired output setting.
Two different trim equations are used for the W3 and D12 models.
W3 Models Resistor Trim Equation:
The W3 models fixed trim resistors to set the output voltage are:
VOUT (Typ.)
0.7525V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
RTRIM (k
Ω)
Open
80.021
41.973
23.077
15.004
6.947
3.16
D12 Models Resistor Trim Equation:
VOUT
0.7525V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5V
RTRIM (k
Ω) Open 41.424 22.46
13.05
9.024
5.009
3.122
1.472
Voltage Trim
The LSN2 Series may also be trimmed using an external voltage applied
between the Trim input and Output Common. Be aware that the internal “load”
impedance looking into trim pin is approximately 5k
Ω. Therefore, you may
have to compensate for this in the source resistance of your external voltage
reference.
Use a low noise DC reference and short leads. Mount the leads close to the
converter. Consider using a small bypass capacitor (0.1μF ceramic) between
trim and output common to avoid instability.
Two different trim equations are used for the W3 and D12 models.
W3 Models Voltage Trim Equation:
VTRIM (in Volts) = 0.7 –(0.1698 x (VO – 0.7525))
The LSN2 W3 fixed trim voltages to set the output voltage are:
VOUT (Typ.) 0.7525V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
VTRIM
Open
0.6928V
0.624V
0.5731V 0.5221V 0.4033V
0.267V
D12 Models Voltage Trim Equation:
VTRIM (in Volts) = 0.7 –(0.0667 x (VO – 0.7525))
The LSN2 D12 fixed trim voltages to set the output voltage are:
VOUT
0.7525V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5V
VTRIM (V)
Open
0.6835
0.670
0.650
0.630
0.583
0.530
0.4166
Figure 6. Trim Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com