Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA1280 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA1280
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1280 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA1280 Datasheet HTML 17Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 18Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 19Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 20Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 21Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 22Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 23Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 24Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 449 page
background image
21
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
all these addressing modes. The Register File is described in “General Purpose Regis-
ter File” on page 13.
Data Memory Access Times
This section describes the general access timing concepts for internal memory access.
The internal data SRAM access is performed in two clk
CPU cycles as described in Figure
12.
Figure 12. On-chip Data SRAM Access Cycles
Table 4. Data Memory Map
Address (HEX)
0 - 1F
32 Registers
20 - 5F
64 I/O Registers
60 - 1FF
416 External I/O Registers
200
Internal SRAM
(8192 x 8)
21FF
2200
External SRAM
(0 - 64K x 8)
FFFF
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com