Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA165V-8AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA165V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165V-8AI Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA165V-8AI Datasheet HTML 1Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 2Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA165V-8AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 337 page
background image
2
ATmega165/V
2573F–AVR–08/06
Pin Configurations
Figure 1. Pinout ATmega165
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally
connected to GND. It should be soldered or glued to the board to ensure good mechani-
cal stability. If the center pad is left unconnected, the package might loosen from the
board.
Disclaimer
Typical values contained in this datasheet are based on simulations and characteriza-
tion of other AVR microcontrollers manufactured on the same process technology. Min
and Max values will be available after the device is characterized.
PC0
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
DNC
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1
PG0
PC2
PC3
PC4
PC5
PC6
PC7
PA7
PG2
PA6
PA5
PA4
PA3
PG1
ATmega165
INDEX CORNER
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More