Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB325 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT43USB325_05 Datasheet HTML 45Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 46Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 47Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 48Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 49Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 50Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 51Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 52Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
49
3355C–USB–4/05
AT43USB325
The Stop condition provides a Timer Enable/Disable function. The CK down divided modes are
scaled directly from the 12 MHz system clock. If the external pin modes are used for
Timer/Counter1, transitions on PB1/(T1) will clock the counter even if the pin is configured as an
output. This feature can give the user SW control of the counting.
6.4.3
Timer/Counter1 – TCNT1H and TCNT1L
This 16-bit register contains the prescaled value of the 16-bit Timer/Counter1. To ensure that
both the high and low bytes are read and written simultaneously when the CPU accesses these
registers, the access is performed using an 8-bit temporary register (TEMP). This temporary reg-
ister is also used when accessing OCR1A, OCR1B and ICR1. If the main program and also
interrupt routines perform access to registers using TEMP, interrupts must be disabled during
access from the main program and from interrupt routines if interrupts are allowed from within
interrupt routines.
• TCNT1 Timer/Counter1 Write:
When the CPU writes to the high byte TCNT1H, the written data is placed in the TEMP register.
Next, when the CPU writes the low byte TCNT1L, this byte of data is combined with the byte
data in the TEMP register, and all 16 bits are written to the TCNT1 Timer/Counter1 register
simultaneously. Consequently, the high byte TCNT1H must be accessed first for a full 16-bit reg-
ister write operation.
• TCNT1 Timer/Counter1 Read:
When the CPU reads the low byte TCNT1L, the data of the low byte TCNT1L is sent to the CPU
and the data of the high byte TCNT1H is placed in the TEMP register. When the CPU reads the
data in the high byte TCNT1H, the CPU receives the data in the TEMP register. Consequently,
the low byte TCNT1L must be accessed first for a full 16-bit register read operation.
The Timer/Counter1 is realized as an up or up/down (in PWM mode) counter with read and write
access. If Timer/Counter1 is written to and a clock source is selected, the Timer/Counter1 con-
tinues counting in the timer clock cycle after it is preset with the written value.
101
CK/1024
1
1
0
External Pin T1, falling edge
1
1
1
External Pin T1, rising edge
Table 6-4.
Clock 1 Prescale Select (Continued)
CS12
CS11
CS10
Description
Bit
15
14
13
12
11
10
9
8
$2D ($4D)
MSB
–
–
–
–
–
–
–
TCNT1H
$2C ($4C)
–
–
–
–
–
–
–
LSB
TCNT1L
76
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com