Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3250-16AI Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATMEGA3250-16AI
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3250-16AI Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATMEGA3250-16AI Datasheet HTML 67Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 68Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 69Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 70Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 71Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 72Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 73Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 74Page - ATMEL Corporation ATMEGA3250-16AI Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 353 page
background image
71
ATmega325/3250/645/6450
2570J–AVR–11/06
• XCK/AIN0/PCINT2 – Port E, Bit 2
XCK, USART External Clock. The Data Direction Register (DDE2) controls whether the
clock is output (DDE2 set) or input (DDE2 cleared). The XCK pin is active only when the
USART operates in synchronous mode.
AIN0 – Analog Comparator Positive input. This pin is directly connected to the positive
input of the Analog Comparator.
PCINT2, Pin Change Interrupt Source 2: The PE2 pin can serve as an external interrupt
source.
• TXD/PCINT1 – Port E, Bit 1
TXD0, UART0 Transmit pin.
PCINT1, Pin Change Interrupt Source 1: The PE1 pin can serve as an external interrupt
source.
• RXD/PCINT0 – Port E, Bit 0
RXD, USART Receive pin. Receive Data (Data input pin for the USART). When the
USART Receiver is enabled this pin is configured as an input regardless of the value of
DDE0. When the USART forces this pin to be an input, a logical one in PORTE0 will turn
on the internal pull-up.
PCINT0, Pin Change Interrupt Source 0: The PE0 pin can serve as an external interrupt
source.
Table 33 and Table 34 relates the alternate functions of Port E to the overriding signals
shown in Figure 27 on page 64.
Note:
1. CKOUT is one if the CKOUT Fuse is programmed
Table 33. Overriding Signals for Alternate Functions PE7:PE4
Signal
Name
PE7/PCINT7
PE6/DO/
PCINT6
PE5/DI/SDA/
PCINT5
PE4/USCK/SCL/
PCINT4
PUOE
0
0
USI_TWO-WIRE
USI_TWO-WIRE
PUOV
000
0
DDOE
CKOUT(1)
0
USI_TWO-WIRE
USI_TWO-WIRE
DDOV
1
0
(SDA +
PORTE5) •
DDE5
(USI_SCL_HOL
D + PORTE4) •
DDE4
PVOE
CKOUT(1)
USI_THREE-
WIRE
USI_TWO-WIRE
• DDE5
USI_TWO-WIRE
• DDE4
PVOV
clk
I/O
DO
0
0
PTOE
–
–
0
USITC
DIEOE
PCINT7 • PCIE0
PCINT6 • PCIE0
(PCINT5 •
PCIE0) + USISIE
(PCINT4 •
PCIE0) + USISIE
DIEOV
111
1
DI
PCINT7 INPUT
PCINT6 INPUT
DI/SDA INPUT
PCINT5 INPUT
USCKL/SCL
INPUT
PCINT4 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com