Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP213 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 11Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 12Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 13Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 14Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 15Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 16Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 17Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 18Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
15
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
10.2
Brown-out Reset
The AT89LP213/214 has an on-chip Brown-out Detection (BOD) circuit for monitoring the V
CC
level during operation by comparing it to a fixed trigger level. The trigger level for the BOD is
nominally 2.2V. The purpose of the BOD is to ensure that if V
CC fails or dips while executing at
speed, the system will gracefully enter reset without the possibility of errors induced by incorrect
execution. A BOD sequence is shown in Figure 10-3. When V
CC decreases to a value below the
trigger level V
BOD, the internal reset is immediately activated. When VCC increases above the
trigger level, the start-up timer releases the internal reset after the specified time-out period has
expired (Table 10-1). The Brown-out Detector must be enabled by setting the BOD Enable Fuse.
(See “User Configuration Fuses” on page 71).
Figure 10-3. Brown-out Detector Reset
10.3
External Reset
The P1.3/RST pin can function as either an active-LOW reset input or as a digital general pur-
pose I/O, P1.3. The Reset Pin Enable Fuse, when set to “1”, enables the external reset input
function on P1.3. (See “User Configuration Fuses” on page 71). When cleared, P1.3 may be
used as an input or output pin. When configured as a reset input, the pin must be held low for at
least two clock cycles to trigger the internal reset.
Note:
During a power-up sequence, the fuse selection is always overridden and therefore the pin will
always function as a reset input. An external circuit connected to this pin should not hold this
pin LOW during a power-on sequence as this will keep the device in reset until the pin tran-
sitions high. After the power-up delay, this input will function either as an external reset input or
as a digital input as defined by the fuse bit. Only a power-up reset will temporarily override the
selection defined by the reset fuse bit. Other sources of reset will not override the reset fuse bit.
P1.3/RST also serves as the In-System Programming (ISP) enable. ISP is enabled when the
external reset pin is held low. When the reset pin is disabled by the fuse, ISP may only be entered
by pulling P1.3 low during power-up.
Table 10-1.
Start-up Timer Settings
SUT Fuse 1
SUT Fuse 0
Clock Source
t
SUT (± 5%)
00
Internal RC/External Clock
16 µs
Crystal Oscillator
1024 µs
01
Internal RC/External Clock
512 µs
Crystal Oscillator
2048 µs
10
Internal RC/External Clock
1024 µs
Crystal Oscillator
4096 µs
11
Internal RC/External Clock
4096 µs
Crystal Oscillator
16384 µs
VCC
TIME-OUT
VPOR
INTERNAL
RESET
tSUT
VBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com