Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP2052-20PI Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT89LP2052-20PI
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052-20PI Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT89LP2052-20PI Datasheet HTML 54Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 55Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 56Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 57Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 58Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 59Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 60Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 61Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
58
3547F–MICRO–6/06
AT89LP2052/LP4052
22.4.1
Power-up Sequence
Execute the following sequence to power-up the device before parallel programming.
1.
Apply power between VCC and GND pins.
2.
After V
CC has settled, wait 10 µs and bring RST to “H”.
3.
Wait 2 ms for the internal Power-on Reset to time out.
4.
Bring P3.2 to “H” and then wait 10 µs.
5.
Raise RST/V
PP to 12V to enable the parallel programming modes.
6.
After V
PP has settled, wait an additional 10 µs before programming.
Figure 22-5. Parallel Mode Power-up Operation
22.4.2
Power-down Sequence
Execute the following sequence to power-down the device after parallel programming.
1.
Tri-state P1.
2.
Bring RST/V
PP down from 12V to VCC and wait 10 µs.
3.
Bring XTAL and P3.2 to “L”.
4.
Bring RST to “L” and wait 10 µs.
5.
Power off V
CC.
Figure 22-6. Parallel Mode Power-down Operation
Note:
The waveforms on this page are not to scale.
VCC
RST
VIH
VPP
P3.2
XTAL1
HIGH Z
P1
VCC
RST
VIH
VPP
P3.2
XTAL1
HIGH Z
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com