Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT26F004 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT26F004
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT26F004 Datasheet HTML 1Page - ATMEL Corporation AT26F004 Datasheet HTML 2Page - ATMEL Corporation AT26F004 Datasheet HTML 3Page - ATMEL Corporation AT26F004 Datasheet HTML 4Page - ATMEL Corporation AT26F004 Datasheet HTML 5Page - ATMEL Corporation AT26F004 Datasheet HTML 6Page - ATMEL Corporation AT26F004 Datasheet HTML 7Page - ATMEL Corporation AT26F004 Datasheet HTML 8Page - ATMEL Corporation AT26F004 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
3588C–DFLASH–04/06
AT26F004
5.
Device Operation
The AT26F004 is controlled by a set of instructions that are sent from a host controller, com-
monly referred to as the SPI Master. The SPI Master communicates with the AT26F004 via the
SPI bus which is comprised of four signal lines: Chip Select (CS), Serial Clock (SCK), Serial
Input (SI), and Serial Output (SO).
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode
differing in respect to the SCK polarity and phase and how the polarity and phase control the
flow of data on the SPI bus. The AT26F004 supports the two most common modes, SPI modes
0 and 3. The only difference between SPI modes 0 and 3 is the polarity of the SCK signal when
in the inactive state (when the SPI Master is in standby mode and not transferring any data).
With SPI modes 0 and 3, data is always latched in on the rising edge of SCK and always output
on the falling edge of SCK.
Figure 5-1.
SPI Mode 0 and 3
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS
pin has been asserted, the SPI Master must then clock out a valid 8-bit opcode on the SPI bus.
Following the opcode, instruction dependent information such as address and data bytes would
then be clocked out by the SPI Master. All opcode, address, and data bytes are transferred with
the most significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT26F004 will be ignored by the device and no operation will be
started. The device will continue to ignore any data presented on the SI pin until the start of the
next operation (CS pin being deasserted and then reasserted). In addition, if the CS pin is deas-
serted before all eight bits of an opcode are sent to the device, then the device will simply return
to the idle state and wait for the next operation.
Addressing of the device requires a total of three bytes of information to be sent, representing
address bits A23 - A0. Since the upper address limit of the AT26F004 memory array is
07FFFFh, address bits A23 - A19 are always ignored by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com