Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT26DF081A-SSU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT26DF081A-SSU
Description  8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF081A-SSU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT26DF081A-SSU Datasheet HTML 25Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 26Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 27Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 28Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 29Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 30Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 31Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 32Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
3600F–DFLASH–03/07
AT26DF081A
Figure 11-2. Deep Power-down
11.3
Resume from Deep Power-down
In order exit the Deep Power-down mode and resume normal device operation, the Resume
from Deep Power-down command must be issued. The Resume from Deep Power-down com-
mand is the only command that the device will recognize while in the Deep Power-down mode.
To resume from the Deep Power-down mode, the CS pin must first be asserted and opcode of
ABh must be clocked into the device. Any additional data clocked into the device after the
opcode will be ignored. When the CS pin is deasserted, the device will exit the Deep Power-
down mode within the maximum time of t
RDPD and return to the standby mode. After the device
has returned to the standby mode, normal command operations such as Read Array can be
resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not
deasserted on an even byte boundary (multiples of eight bits), then the device will abort the
operation and return to the Deep Power-down mode.
Figure 11-3. Resume from Deep Power-down
SCK
CS
SI
SO
MSB
ICC
2
3
1
0
10111001
67
5
4
OPCODE
HIGH-IMPEDANCE
Standby Mode Current
Active Current
Deep Power-Down Mode Current
tEDPD
SCK
CS
SI
SO
MSB
ICC
2
3
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com