Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RC2 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T89C51RC2
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T89C51RC2 Datasheet HTML 9Page - ATMEL Corporation T89C51RC2 Datasheet HTML 10Page - ATMEL Corporation T89C51RC2 Datasheet HTML 11Page - ATMEL Corporation T89C51RC2 Datasheet HTML 12Page - ATMEL Corporation T89C51RC2 Datasheet HTML 13Page - ATMEL Corporation T89C51RC2 Datasheet HTML 14Page - ATMEL Corporation T89C51RC2 Datasheet HTML 15Page - ATMEL Corporation T89C51RC2 Datasheet HTML 16Page - ATMEL Corporation T89C51RC2 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
13
T89C51RB2/RC2
4105D–8051–10/06
Table 6. CKCON0 Register
CKCON0 - Clock Control Register (8Fh)
Reset Value = 0000 000’HSB. X2’b (See Table 70 “Hardware Security Byte”)
Not bit addressable
76
54
32
1
0
-
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7
Reserved
6WDX2
Watchdog Clock
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit
has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
5PCAX2
Programmable Counter Array Clock
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this
bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle. Set to select 12 clock
periods per peripheral clock cycle.
4SIX2
Enhanced UART Clock (Mode 0 and 2)
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this
bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle. Set to select 12 clock
periods per peripheral clock cycle.
3T2X2
Timer2 Clock
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this
bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
2T1X2
Timer1 Clock
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this
bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle. Set to select 12 clock
periods per peripheral clock cycle.
1T0X2
Timer0 Clock
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this
bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle. Set to select 12 clock
periods per peripheral clock cycle.
0X2
CPU Clock
Cleared to select 12 clock periods per machine cycle (STD mode) for CPU and
all the peripherals. Set to select 6clock periods per machine cycle (X2 mode) and
to enable the individual peripherals’X2’ bits. Programmed by hardware after
Power-up regarding Hardware Security Byte (HSB), Default setting, X2 is
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com