Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C51RB2 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83C51RB2
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C51RB2 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83C51RB2 Datasheet HTML 37Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 38Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 39Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 40Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 41Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 42Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 43Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 44Page - ATMEL Corporation AT83C51RB2 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
42
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
UART Registers
Table 25. SADEN Register
SADEN - Slave Address Mask Register for UART (B9h)
Reset Value = 0000 0000b
Table 26. SADDR Register
SADDR - Slave Address Register for UART (A9h)
Reset Value = 0000 0000b
Table 27. SBUF Register
SBUF - Serial Buffer Register for UART (99h)
Reset Value = XXXX XXXXb
Table 28. BRL Register
BRL - Baud Rate Reload Register for the internal baud rate generator, UART (9Ah)
Reset Value = 0000 0000b
765
43210
765
43210
765
43210
765
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com