Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51AC2-SLSIM Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T89C51AC2-SLSIM
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-SLSIM Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T89C51AC2-SLSIM Datasheet HTML 45Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 46Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 47Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 48Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 49Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 50Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 51Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 52Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
49
A/T89C51AC2
4127G–8051–05/06
Figure 26. Hardware Boot Process Algorithm
Application
Programming Interface
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
by functions.
All of these APIs are described in detail in the following documents on the Atmel web
site.
•
Datasheet Bootloader UART A/T89C51AC2
XROW Bytes
Table 32. XROW Mapping
RESET
Hardware
condition?
BLJB = = 0
?
bit ENBOOT in AUXR1 register
is initialized with BLJB inverted.
ENBOOT = 1
PC = F800h
ENBOOT = 1
PC = F800h
FCON = 00h
FCON = F0h
Boot Loader
in FM1
ENBOOT = 0
PC = 0000h
Yes
Yes
No
No
Application
in FM0
(Example, if BLJB=0, ENBOOT is set (=1) during reset,
thus the bootloader is executed after the reset)
Description
Default Value
Address
Copy of the Manufacturer Code
58h
30h
Copy of the Device ID#1: Family code
D7h
31h
Copy of the Device ID#2: Memories size and type
F7h
60h
Copy of the Device ID#3: Name and Revision
FFh
61h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com