Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C5121 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89C5121
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5121 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89C5121 Datasheet HTML 35Page - ATMEL Corporation AT89C5121 Datasheet HTML 36Page - ATMEL Corporation AT89C5121 Datasheet HTML 37Page - ATMEL Corporation AT89C5121 Datasheet HTML 38Page - ATMEL Corporation AT89C5121 Datasheet HTML 39Page - ATMEL Corporation AT89C5121 Datasheet HTML 40Page - ATMEL Corporation AT89C5121 Datasheet HTML 41Page - ATMEL Corporation AT89C5121 Datasheet HTML 42Page - ATMEL Corporation AT89C5121 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
39
A/T8xC5121
4164G–SCR–07/06
Table 16. SCCON Register
SCCON (S:ACh, SCRS = 0)
Smart Card Contacts Register
Reset Value = 0X00 0000b
76
54
32
1
0
CLK
-
CARDC8
CARDC4
CARDIO
CARDCLK
CARDRST
CARDVCC
Bit Number Bit Mnemonic Description
7CLK
Card Clock Selection
Clear this bit to use the CardClk bit (CARDCLK) to drive Card CLK pin.
Set this bit to use XTAL signal to drive the Card CLK pin.
Note:
internal synchronization avoids any glitch on the CLK pin when
switching this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not change this bit or write 0.
5
CARDC8
Card C8
Clear this bit to drive a low level on the Card C8 pin.
Set this bit to set a high level on the Card C8 pin.
4
CARDC4
Card C4
Clear this bit to drive a low level on the Card C4 pin.
Set this bit to set a high level on the Card C4 pin.
3
CARDIO
Card I/O
When the UART bit is cleared in SCICR Register, the value of this bit is
driven to the Card I/O pin.
Then this pin can be used as a pseudo bi-directional I/O when this bit is set.
To be used as an input, this bit must contain a 1.
2CARDCLK
Card CLK
When the CLK bit is cleared in SCCON Register, the value of this bit is driven
to the Card CLK pin.
1
CARDRST
Card RST
Clear this bit to drive a low level on the Card RST pin.
Set this bit to set a high level on the Card RST pin.
Read is not allowed if VCARDOK=0
0
CARDVCC
Card VCC Control
Clear this bit to desactivate the Card interface and set its power-off. The other
bits of SCC register have no effect while this bit is cleared.
Set this bit to power-on the Card interface. The activation sequence shall be
handled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com