Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSS461C Datasheet(PDF) 12 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 8Page - ATMEL Corporation TSS461C Datasheet HTML 9Page - ATMEL Corporation TSS461C Datasheet HTML 10Page - ATMEL Corporation TSS461C Datasheet HTML 11Page - ATMEL Corporation TSS461C Datasheet HTML 12Page - ATMEL Corporation TSS461C Datasheet HTML 13Page - ATMEL Corporation TSS461C Datasheet HTML 14Page - ATMEL Corporation TSS461C Datasheet HTML 15Page - ATMEL Corporation TSS461C Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
12
TSS461C
4193G–AUTO–12/04
In Figure 5 the pulsed waveforms are shown. In Figure 8 through Figure 14 the low
"timeslots" (i.e. blocks of 16 prescaled clocks) should be replaced by the dominant
waveform showed in Figure 5, to obtain the correct representations for pulsed coding.
Figure 5. State Encoding
VAN Frame
Figure 6. VAN Bus Frame
The VAN bus supports three different module (unit) types:
1.
The Autonomous module, which is a bus master. It can transmit Start Of Frame
(SOF) sequences, it can initiate data transfers and can receive messages.
2.
The Synchronous access module. It cannot transmit SOF sequences, but it can
initiate data transfers and can receive messages.
3.
The Slave module, which can only transmit using an in-frame mechanism and
can receive messages.
Figure 7. Hierarchical Access Methods
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
NUMBER OF
PRESCALED
CLOCKS
NORMAL OR PULSED RECESSIVE STATE
NORMAL DOMINANT STATE
PUSED DOMINANT STATE
04
8
12
16
2
6
10
14
SOF
Identifier
Field
Command
Data
Field
Frame
Check
Sum
EOD
ACK
EOF
EXT
RAK
R/W
RTR
SOF
ID
COM
DATA
ACK
EOF
EOD
Autonomous
Rank 0
ID
COM
DATA
FCS
ACK
EOF
EOD
Synchronous
Rank 1
DATA
FCS
ACK
EOF
EOD
Slave
Rank 16
FCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com