Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24B Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 21Page - ATMEL Corporation AT83C24B Datasheet HTML 22Page - ATMEL Corporation AT83C24B Datasheet HTML 23Page - ATMEL Corporation AT83C24B Datasheet HTML 24Page - ATMEL Corporation AT83C24B Datasheet HTML 25Page - ATMEL Corporation AT83C24B Datasheet HTML 26Page - ATMEL Corporation AT83C24B Datasheet HTML 27Page - ATMEL Corporation AT83C24B Datasheet HTML 28Page - ATMEL Corporation AT83C24B Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25
4234F–SCR–10/05
AT83C24
Table 11. INTERFACE (Interface Byte)
7
6
5
4
3
2
1
0
0
IODIS
CKSTOP
CARDRST
CARDC8
CARDC4
CARDCK
CARDIO
Bit Number
Bit Mnemonic
Description
7
0
This bit should not be set.
6
IODIS
Card I/O isolation
Set this bit to drive the CIO, CC4, CC8 pins according to CARDIO, CARDC4, CARDC8 respectively and to put
I/O, C4, C8 in Hi-Z. This can be used to have the I/O, and C4 and C8 pins of the host communicating with
another AT83C24 interface, while CIO, CC4 and CC8 are driven by software (or if the card is in standby or
power-down modes).
Clear this bit to drive the I/O/CIO, C4/CC4 and C8/CC8 pins according to each other. This can be used to activate
asynchronous cards.
The reset value is 1.
5
CKSTOP
CARD Clock Stop
Set this bit to stop CCLK according to CARDCK. This can be used to set asynchronous cards in power-down
mode (GSM) or to drive CCLK by software.
Clear this bit to have CCLK running according to CKS. This can be used to activate asynchronous cards.
Note:
1. When this bit is changed a special logic ensures that no glitch occurs on the CCLK pin
and actual configuration changes can be delayed by half a period to two periods of
CCLK.
2. CKSTOP must be set before switching on the DC/DC with VCARD[1:0].
The reset value is 1.
4
CARDRST
Card Reset
Set this bit to enter a reset sequence according to ART bit value.
Clear this bit to drive a low level on the CRST pin.
The reset value is 0.
3
CARDC8
Card C8
Set this bit to drive the CC8 pin High with the on-chip pull-up (according to IODIS bit value). The pin can then be
an input (read in STATUS register).
Clear this bit to drive a low level on the CC8 pin (according to IODIS bit value).
The reset value is 0.
2
CARDC4
Card C4
Set this bit to drive the CC4 pin High with the on-chip pull-up (according to IODIS bit value). The pin can then be
an input (read in STATUS register).
Clear this bit to drive a low level on the CC4 pin (according to IODIS bit value).
The reset value is 0.
1
CARDCK
Card Clock
Set this bit to set a high level on the CCLK pin (according to CKSTOP bit value).
Clear this bit to drive a low level on the CCLK pin.
The reset value is 0.
0
CARDIO
Card I/O
Set this bit to drive the CIO pin High with the on-chip pull-up (according to IODIS bit value). The pin can then be
an input (read in STATUS register).
Clear this bit to drive a low level on the CIO pin (according to IODIS bit value).
The reset value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com