Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24B-PRTIM Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT83C24B-PRTIM
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-PRTIM Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT83C24B-PRTIM Datasheet HTML 12Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 13Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 14Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 15Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 16Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 17Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 18Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 19Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
16
4234F–SCR–10/05
AT83C24
ISO 7816 constraints: ta = 200 card clock cycles
400 card clock cycles< = tb
400 card clock cycles< = tc < = 40000 card clock cycles
Note:
Timer[1-0] reset value is 400.
Software Activation (DC/DC Started by Writing in VCARD[1:0] bits) and ART bit = 0
The activation sequence is controlled by software using TWI commands, depending on the
cards to support. For ISO 7816 cards, the following sequence can be applied:
1.
Card Voltage is set by software to the required value (VCARD[1:0] bits in CONFIG0
register). This writing starts the DC/DC.
2.
Wait of the end of the DC/DC init with a polling on VCARDOK bit (STATUS register)
or wait for PRES/INT to go Low if enabled (if IT_SEL bit = 0 in CONFIG4 register).
When VCARDOK bit is set (by hardware), CARDIO bit should be set by software.
3.
CKSTOP, IODIS are programmed by software. CKSTOP bit is reset to have the
clock running. IODIS is reset to drive the I/O, C4, C8 pins and the CIO,CC4, CC8
pins according to each other.
4.
CRST pin is controlled by software using CARDRST bit (see INTERFACE register).
Figure 12. Software activation without automatic control (ART bit = 0)
Note:
It is assumed that initially VCARD[1:0], CARDCK, CARDIO and CARDRST bits are cleared,
CKSTOP and IODIS are set (those bits are further explained in the registers description)
Note:
The user should check the AT83C24 status and possibly resume the activation sequence if one
TWI transfer is not acknowledged during the activation sequence.
Deactivation Sequence
The card automatic deactivation is triggered when one the following condition occurs:
•
ICARDERR bit is set by hardware
CVCC
CRST
CCLK
CIO
2
4
3
1
ATR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com