Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRIL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT83C24NDS-PRRIL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRIL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRIL Datasheet HTML 29Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 30Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 31Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 32Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 33Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 34Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 35Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 36Page - ATMEL Corporation AT83C24NDS-PRRIL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
33
4234F–SCR–10/05
AT83C24
Table 25. Smart Card RST (CRST pin)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
OL
Output Low-voltage
0
0
0.12 x CVCC
0.4
0.2
V
I
OL = -20 µA CLASS
A&B&C
I
OL = -200 µA CLASS A
I
OL = -200 µA CLASS
B&C
V
OH
Output High Voltage
0.9*CVCC
CVCC
V
I
OH = 200 µA
CLASS A&B&C
I
OS
Output High Current
-15
+15
mA
Short to GND or CVCC
t
R tF
Rise and Fall time
0.1
µs
C
L = 30pF
measurement between
10% and 90% of CVCC
Low level voltage stability
(taking into account PCB design)
-0.25
0.50V
0.30V
0.30V
V
CLASS A
CLASS B
CLASS C
High level voltage stability
(taking into account PCB design)
4.2
2.35
CVCC-0.4
CVCC+0.25
V
CLASS A
CLASS B
CLASS C
Table 26. Card Presence
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
R
CPRES
CPRES weak pull-up output current
300
330
360
κΩ
Short to VSS
PULLUP = 1:
Internal pull-up active
Table 27. TWI (SDA, SCL pins)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
t
SU;DAT
Data set-up time
20
10
ns
Not tested
t
HD;DAT
Data hold time
10
0
ns
Not tested
t
fDA
Fall time on SDA signal
50
ns
Not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com