Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTP65N02R Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP65N02R
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP65N02R Datasheet(HTML) 2 Page - ON Semiconductor

  NTP65N02R Datasheet HTML 1Page - ON Semiconductor NTP65N02R Datasheet HTML 2Page - ON Semiconductor NTP65N02R Datasheet HTML 3Page - ON Semiconductor NTP65N02R Datasheet HTML 4Page - ON Semiconductor NTP65N02R Datasheet HTML 5Page - ON Semiconductor NTP65N02R Datasheet HTML 6Page - ON Semiconductor NTP65N02R Datasheet HTML 7Page - ON Semiconductor NTP65N02R Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise specified)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
24
−
27.5
25.5
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
−
−
1.5
10
mAdc
Gate−Body Leakage Current
(VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
−
−
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.5
4.1
2.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 4.5 Vdc, ID = 15 Adc)
(VGS = 10 Vdc, ID = 20 Adc)
(VGS = 10 Vdc, ID = 30 Adc)
RDS(on)
−
−
−
11.2
8.4
8.2
12.5
10.5
−
m
W
Forward Transconductance (Note 3)
(VDS = 10 Vdc, ID = 15 Adc)
gFS
−
27
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
−
948
1330
pF
Output Capacitance
(VDS = 20 Vdc, VGS = 0 V, f = 1 MHz)
Coss
−
456
640
Transfer Capacitance
( DS
dc,
GS
,)
Crss
−
160
225
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
−
7.0
−
ns
Rise Time
(VGS = 10 Vdc, VDD = 10 Vdc,
tr
−
53
−
Turn−Off Delay Time
(VGS = 10 Vdc, VDD = 10 Vdc,
ID = 30 Adc, RG = 3 W)
td(off)
−
14
−
Fall Time
tf
−
10
−
Gate Charge
QT
−
9.5
−
nC
(VGS = 4.5 Vdc, ID = 30 Adc,
VDS = 10 Vdc) (Note 3)
Q1
−
3.0
−
VDS = 10 Vdc) (Note 3)
Q2
−
4.4
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
VSD
−
0.88
1.2
Vdc
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
(IS = 30 Adc, VGS = 0 Vdc)
(I
15 A
V
0V
T
125
°C)
VSD
−
−
0.88
1.10
080
1.2
−
Vdc
( S
dc,
GS
dc)
(IS = 15 Adc, VGS = 0 Vdc, TJ = 125°C)
−
0.80
−
Reverse Recovery Time
trr
−
29.1
−
ns
(IS =30 Ad VGS =0Vd
ta
−
13.6
−
(IS = 30 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
tb
−
15.5
−
Reverse Recovery Stored
Charge
S
m )(
)
QRR
−
0.02
−
mC
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com