Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP102
Description  Plastic Medium?뭁ower Complementary Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP102 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP102 Datasheet HTML 1Page - ON Semiconductor TIP102 Datasheet HTML 2Page - ON Semiconductor TIP102 Datasheet HTML 3Page - ON Semiconductor TIP102 Datasheet HTML 4Page - ON Semiconductor TIP102 Datasheet HTML 5Page - ON Semiconductor TIP102 Datasheet HTML 6Page - ON Semiconductor TIP102 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
TIP100,
TIP105
TIP101,
TIP106
TIP102,
TIP107
Unit
Collector − Emitter Voltage
VCEO
60
80
100
Vdc
Collector − Base Voltage
VCB
60
80
100
Vdc
Emitter − Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
− Peak
IC
8.0
15
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
80
0.64
W
W/
_C
Unclamped Inductive Load Energy (1)
E
30
mJ
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.56
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IC = 1.1 A, L = 50 mH, P.R.F. = 10 Hz, VCC = 20 V, RBE = 100 W
ORDERING INFORMATION
Device
Package
Shipping
TIP100
TO−220
50 Units / Rail
TIP100G
TO−220
(Pb−Free)
50 Units / Rail
TIP101
TO−220
50 Units / Rail
TIP101G
TO−220
(Pb−Free)
50 Units / Rail
TIP102
TO−220
50 Units / Rail
TIP102G
TO−220
(Pb−Free)
50 Units / Rail
TIP105
TO−220
50 Units / Rail
TIP105G
TO−220
(Pb−Free)
50 Units / Rail
TIP106
TO−220
50 Units / Rail
TIP106G
TO−220
(Pb−Free)
50 Units / Rail
TIP107
TO−220
50 Units / Rail
TIP107G
TO−220
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com