Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY10E111A/L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E111A/L
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E111A/L Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E111A/L Datasheet HTML 1Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 2Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 3Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 4Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 5Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Precison Edge®
SY10E111A/L
SY100E111A/L
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
3.3V PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = +3.0V to +3.8V, VEE = GND
TA = –40
°C
TA = 0
°C
TA = +25
°C
TA = +85
°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
V
OH
Output HIGH Voltage
mV
Note 2
10EL 2220
—
2110
2280
—
2460
2320
—
2490
2390
—
2580
100EL 2215
—
2120
2275
—
2420
2275
—
2420
2275
—
2420
V
OL
Output LOW Voltage
mV
Note 2
10EL 1350
—
1650
1350
—
1670
1350
—
1670
1350
—
1705
100EL 1470
—
1750
1490
—
1680
1490
—
1680
1490
—
1680
V
IH
Input HIGH Voltage
mV
Note 2
10EL 2070
—
2410
2130
—
2460
2170
—
2490
2240
—
2580
100EL 2135
—
2420
2135
—
2420
2135
—
2420
2135
—
2420
V
IL
Input LOW Voltage
mV
Note 2
10EL 1350
—
1800
1350
—
1820
1350
—
1820
1350
—
1855
100EL 1490
—
1825
1490
—
1825
1490
—
1825
1490
—
1825
V
BB
Output Reference
V
Voltage, Note 2
10EL
1.87
—
2.00
1.92
—
2.03
1.95
—
2.05
1.99
—
2.11
100EL
1.92
—
2.04
1.92
—
2.04
1.92
—
2.04
1.92
—
2.04
I
IH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
I
IL
Input LOW Current
µA
10EL
0.5
——
0.5
——
0.5
——
0.3
——
100EL
0.5
——
0.5
——
0.5
——
0.5
——
I
EE
Power Supply Current
mA
10EL
——
66
——
66
——
66
——
66
100EL
——
66
——
66
——
66
——
78
Note 1.
Parametric values specified at:
3 volt Power Supply Range
10/100E111L Series:
+3.0V to +3.8V.
Note 2.
These values are for VCC = 3.3V. Level specifications will vary 1:1 with VCC.
5V PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = VCC (Min.) to VCC (Max.); VEE = GND
TA = –40
°C
TA = 0
°C
TA = +25
°C
TA = +85
°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
V
OH
Output HIGH Voltage
mV
Note 2
10EL 3920
—
4110
3980
—
4160
4020
—
4190
4090
—
4280
100EL 3915
—
4120
3975
—
4120
3975
—
4120
3975
—
4120
V
OL
Output LOW Voltage
mV
Note 2
10EL 3050
—
3350
3050
—
3370
3050
—
3370
3050
—
3405
100EL 3170
—
3450
3190
—
3380
3190
—
3380
3190
—
3380
V
IH
Input HIGH Voltage
mV
Note 2
10EL 3770
—
4110
3830
—
4160
3870
—
4190
3940
—
4280
100EL 3835
—
4120
3835
—
4120
3835
—
4120
3835
—
4120
V
IL
Input LOW Voltage
mV
Note 2
10EL 3050
—
3500
3050
—
3520
3050
—
3520
3050
—
3555
100EL 3190
—
3525
3190
—
3525
3190
—
3525
3190
—
3525
V
BB
Output Reference
V
Voltage, Note 2
10EL
3.57
—
3.70
3.62
—
3.73
3.65
—
3.75
3.69
—
3.81
100EL
3.62
—
3.74
3.62
—
3.74
3.62
—
3.74
3.62
—
3.74
I
IH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
I
IL
Input LOW Current
µA
10EL
0.5
——
0.5
——
0.5
——
0.3
——
100EL
0.5
——
0.5
——
0.5
——
0.5
——
I
EE
Power Supply Current
mA
10EL
——
66
——
66
——
66
——
66
100EL
——
66
——
66
——
66
——
78
Note 1.
Parametric values specified at:
5 volt Power Supply Range
100E111A Series:
+4.2V to +5.5V.
10E111A Series
+4.75V to +5.5V.
Note 2.
These values are for VCC = 5V. Level specifications will vary 1:1 with VCC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com