Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATAM862 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 69Page - ATMEL Corporation ATAM862 Datasheet HTML 70Page - ATMEL Corporation ATAM862 Datasheet HTML 71Page - ATMEL Corporation ATAM862 Datasheet HTML 72Page - ATMEL Corporation ATAM862 Datasheet HTML 73Page - ATMEL Corporation ATAM862 Datasheet HTML 74Page - ATMEL Corporation ATAM862 Datasheet HTML 75Page - ATMEL Corporation ATAM862 Datasheet HTML 76Page - ATMEL Corporation ATAM862 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
73
4554E–4BMCU–05/06
ATAM862-3
4.
Multi-chip link (MCL) – the SSI can also be used as an interchip data interface for use in
single package multi-chip modules or hybrids. For such applications, the SSI is pro-
vided with two dedicated pads (MCL_SD and MCL_SC) which act as a two-wire
chip-to-chip link. The MCL can be activated by the MCL control bit. Should these MCL
pads be used by the SSI, the standard SD and SC pins are not required and the corre-
sponding Port 4 ports are available as conventional data ports.
Figure 23-15. Block Diagram of the Synchronous Serial Interface
23.8.3
General SSI Operation
The SSI is comprised essentially of an 8-bit shift register with two associated 8-bit buffers – the
receive buffer (SRB) for capturing the incoming serial data and a transmit buffer (STB) for inter-
mediate storage of data to be serially output. Both buffers are directly accessable by software.
Transferring the parallel buffer data into and out of the shift register is controlled automatically by
the SSI control, so that both single byte transfers or continuous bit streams can be supported.
The SSI can generate the shift clock (SC) either from one of several on-chip clock sources or
accept an external clock. The external shift clock is output on, or applied to the Port BP40.
Selection of an external clock source is performed by the Serial Clock Direction control bit
(SCD). In the combinational modes, the required clock is selected by the corresponding timer
mode.
The SSI can operate in three data transfer modes – synchronous 8-bit shift mode, a 9-bit
Multi-Chip Link Mode (MCL), or 8-bit pseudo MCL protocol (without acknowledge-bit).
External SSI clocking is not supported in these modes. The SSI should thus generate and has
full control over the shift clock so that it can always be regarded as an MCL bus master device.
All directional control of the external data port used by the SSI is handled automatically and is
dependent on the transmission direction set by the Serial Data Direction (SDD) control bit. This
control bit defines whether the SSI is currently operating in Transmit (TX) mode or Receive (RX)
mode.
Serial data is organized in 8-bit telegrams which are shifted with the most significant bit first. In
the 9-bit MCL mode, an additional acknowledge bit is appended to the end of the telegram for
handshaking purposes (see section “MCL Bus Protocol” on page 77).
8-bit Shift Register
MSB
LSB
Shift_CL
SO
SIC1
SIC2
SISC
SC
Control
STB
SRB
SI
Timer 2 / Timer 3
Output
INT3
SC
I/O-bus
I/O-bus
SSI-Control
TOG2
POUT
T1OUT
SYSCL
SO
SI
MCL_SC
SD
MCL_SD
Transmit
Buffer
Receive
Buffer
SCI
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com