Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S48SP3R310 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S48SP3R310
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP3R310 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S48SP3R310 Datasheet HTML 1Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 2Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 3Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 4Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 5Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 6Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 7Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 8Page - Delta Electronics, Inc. S48SP3R310 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
S48SP3R310 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to Figure 20 for the measuring point
-40
110
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.5
34
35.5
Vdc
Turn-Off Voltage Threshold
30.5
32
33.5
Vdc
Lockout Hysteresis Voltage
1.0
2
3.0
Vdc
Maximum Input Current
100% Load, 36Vin
1.10
A
No-Load Input Current
40
mA
Off Converter Input Current
10
mA
Inrush Current (I
2t)
0.01
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
10
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
3.25
3.3
3.35
Vdc
Output Voltage Regulation
Over Load
Io=Io, min to Io, max
±3
±10
mV
Over Line
Vin=36V to 75V
±3
±10
mV
Over Temperature
Tc=-40°C to 100°C
±33
mV
Total Output Voltage Range
Over load, line and temperature
3.2
3.4
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
30
60
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
20
mV
Operating Output Current Range
0
10
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
140
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
100
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
100
mV
Settling Time (within 1% Vout nominal)
50
us
Turn-On Transient
Start-Up Time, From On/Off Control
15
ms
Start-Up Time, From Input
15
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
5000
µF
EFFICIENCY
100% Load
90.0
%
60% Load
89.0
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1000
pF
FEATURE CHARACTERISTICS
Switching Frequency
400
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off
-0.7
0.8
V
Logic High (Module Off)
Von/off
2
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off
-0.7
0.8
V
Logic High (Module On)
Von/off
2
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
0.25
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
30
uA
Output Voltage Trim Range
Across Trim Pin & +Vo or -Vo, Pout≦max rated
-10%
10%
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
3.8
4.62
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C; air flow 300LFM
1.98
M hours
Weight
10.5
grams
Over-Temperature Shutdown
Refer to Figure 20 for the measuring point
117
°C
DS_S48SP3R310_03062007
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com