Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZA109TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZA109TS
Description  9-fold ESD Transient Suppressor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA109TS Datasheet(HTML) 2 Page - NXP Semiconductors

  BZA109TS Datasheet HTML 1Page - NXP Semiconductors BZA109TS Datasheet HTML 2Page - NXP Semiconductors BZA109TS Datasheet HTML 3Page - NXP Semiconductors BZA109TS Datasheet HTML 4Page - NXP Semiconductors BZA109TS Datasheet HTML 5Page - NXP Semiconductors BZA109TS Datasheet HTML 6Page - NXP Semiconductors BZA109TS Datasheet HTML 7Page - NXP Semiconductors BZA109TS Datasheet HTML 8Page - NXP Semiconductors BZA109TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Sep 08
2
Philips Semiconductors
Preliminary specification
9-fold ESD Transient Suppressor
BZA109TS
FEATURES
• ESD rating > 8 kV, according to IEC1000-4-2
• SOT339 surface mount package
• Common anode configuration
• Non-clamping range 0 - 6.8 V,
negative clamping range <0.5 V,
positive clamping range >6.8 V.
APPLICATIONS
• Computer and peripherals
• Audio and video equipment
• Communication systems
• Medical equipment.
DESCRIPTION
Monolithic silicon zener diode in a SOT339-1 package
(SO20) for 9 bit wide undershoot/overshoot clamping,
combined with fast ESD transient suppression.
PINNING SOT339-1
Fig.1 Symbol and pinning.
Fig.2 Simplified outline.
book, halfpage
110
20
Top view
MBK198
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com