Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JL682A Datasheet(PDF) 3 Page - Router-switch Ltd.

Part # JL682A
Description  JL682A is an Aruba Instant On 1930 24G 4SFP/SFP switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

JL682A Datasheet(HTML) 3 Page - Router-switch Ltd.

  JL682A Datasheet HTML 1Page - Router-switch Ltd. JL682A Datasheet HTML 2Page - Router-switch Ltd. JL682A Datasheet HTML 3Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
200+
Countries we Sold
18,000+
Customers Trusted
$
20,000,000
Inventory Available
50%-98%
Off Global List Price
100%
Safe Online Shopping
Nonoperating/Storage
temperature
-40°F to 158°F (-40°C to 70°C)
Nonoperating/Storage
relative humidity
15% to 95% @ 140°F (60°C)
Altitude
up to 10,000 ft (3 km)
Idle power
9.3 W
PoE
Not support
Power Supply
Internal power supply
Want to Buy
Order Now
Get a Quote
Why Router-switch.com
As a leading network hardware supplier, Router-switch.com focuses on original new ICT equipment of Cisco, Huawei, HPE,
Dell, Hikvision, Juniper, Fortinet, etc.
Contact Us
● Tel: +1-626-655-0998 (USA) +852-3050-1066 / +852-3174-6166
● Fax: +852-3050-1066 (Hong Kong)
● Email: sales@router-switch.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com