Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT1121 Datasheet(PDF) 18 Page - Advanced Analogic Technologies

Part # AAT1121
Description  1.5MHz, 250mA Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1121 Datasheet(HTML) 18 Page - Advanced Analogic Technologies

Back Button AAT1121_07 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 16Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 17Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 18Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 19Page - Advanced Analogic Technologies AAT1121_07 Datasheet HTML 20Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Table 5: Surface Mount Capacitors.
Value
Voltage
Temp.
Case
Manufacturer
Part Number
(µF)
Rating
Co.
Size
Murata
GRM118R60J475KE19B
4.7
6.3
X5R
0603
Murata
GRM188R60J106ME47D
10
6.3
X5R
0603
AAT1121
1.5MHz, 250mA Step-Down Converter
18
1121.2007.03.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com